Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590N Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6590N
Description  FULLY INTEGRATED POWER SUPPLY FIPS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590N Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6590N Datasheet HTML 15Page - STMicroelectronics L6590N Datasheet HTML 16Page - STMicroelectronics L6590N Datasheet HTML 17Page - STMicroelectronics L6590N Datasheet HTML 18Page - STMicroelectronics L6590N Datasheet HTML 19Page - STMicroelectronics L6590N Datasheet HTML 20Page - STMicroelectronics L6590N Datasheet HTML 21Page - STMicroelectronics L6590N Datasheet HTML 22Page - STMicroelectronics L6590N Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
L6590
20/23
Figure 40. 7.2V/7W Battery Charger
REFERENCES
[1] “Getting Familiar with the L6590 Family, High-voltage Fully Integrated Power Supply” (AN1261)
[2] “Offline Flyback Converters Design Methodology with the L6590 Family” (AN1262)
T1 specification
Core E20/10/6, ferrite 3C85 or N67 or equivalent
≈ 1 mm gap for a primary inductance of 2.6 mH
Lleakage <60 µH
Primary : 230 T, 2 series windings 115T each, AWG36
(∅ 0.16 mm)
Sec : 13 T, AWG23 (
∅ 0.64 mm)
Aux : 60 T, AWG36
7.2 Vdc / 1 A
C3
10 µF
25V
C4
2.2 nF
Y1 class
C8 680 nF
D1
BZW06-154
D3 BAV21
D4 1N5821
OP1
PC817
C5, C6
330 µF
16V
R1
39
Ω
C3 10 nF
T1
16:1
D2
STTA106
BD1
DF06M
Vin
88 to 264 Vac
F1
2A/250V
L
22 mH
CxA
100 nF
CxB
100 nF
C1
22 µF
400 V
R9
22.6 k
Ω
R13
12 k
Ω
C2
220 nF
R2
5.6 k
Ω
R3
1.5 k
Ω
R4 10 k
Ω
1
2
IC2
TSM103
3
8
4
2
1
D5
1N4148
D6
1N4148
D7
1N4148
D8
BZX79C12
C7
10 µF
25V
C9 330 nF
R5
4.7 k
Ω
34
R6
0.1
Ω
R10
6.8 k
Ω
R7
620
Ω
R11
11.8 k
Ω
R8
560
Ω
R12
1k
Ω
7
6
5
Q1
BC337
3(4)
1
4(7)
5
(8)
6, 7, 8
(9 to 16)
L6590
(L6590D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com