Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6615N Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6615N
Description  HIGH/LOW SIDE LOAD SHARE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6615N Datasheet(HTML) 3 Page - STMicroelectronics

  L6615N Datasheet HTML 1Page - STMicroelectronics L6615N Datasheet HTML 2Page - STMicroelectronics L6615N Datasheet HTML 3Page - STMicroelectronics L6615N Datasheet HTML 4Page - STMicroelectronics L6615N Datasheet HTML 5Page - STMicroelectronics L6615N Datasheet HTML 6Page - STMicroelectronics L6615N Datasheet HTML 7Page - STMicroelectronics L6615N Datasheet HTML 8Page - STMicroelectronics L6615N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
L6615
ABSOLUTE MAXIMUM RATINGS
All voltages are with respect to pin 1. Currents are positive into, negative out of the specified terminal.
(*) Maximum package power dissipation limits must be observed
PIN CONNECTION
THERMAL DATA
Symbol
Pin
Parameter
Value
Unit
VCC
8
Supply Voltage (*) (ICC<50mA)
selflimit
V
ICS+, ICS-
Sense pin current
10
mA
VCS-, VCS+, VSH,
VADJ, VCGA
2, 3, 6, 4, 7
-0.3 to VCC
V
VCOMP
5
Error amplifier output
-0.3 to 1.5
V
(VCS+) - (VCS-)
Differential input voltage (VCS+ from 0V to 22V)
-0.7 to 0.7
V
Ptot
Total power dissipation @ Tamb = 70°C
SO8
DIP8
0.45
0.6
W
Tj
Junction temperature range
-40 to +125
°C
Tstg
Storage temperature
-55 to +150
°C
Symbol
Parameter
MINIDIP
SO8
Unit
Rth j-amb
Thermal Resistance junction to ambient
90
120
°C/W
1
2
4
3
GND
VCC
CS-
5
6
8
7 CGA
SH
ADJ
COMP
CS+
1
2
4
3
GND
VCC
CS-
5
6
8
7 CGA
SH
ADJ
COMP
CS+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com