Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6615N Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6615N
Description  HIGH/LOW SIDE LOAD SHARE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6615N Datasheet(HTML) 5 Page - STMicroelectronics

  L6615N Datasheet HTML 1Page - STMicroelectronics L6615N Datasheet HTML 2Page - STMicroelectronics L6615N Datasheet HTML 3Page - STMicroelectronics L6615N Datasheet HTML 4Page - STMicroelectronics L6615N Datasheet HTML 5Page - STMicroelectronics L6615N Datasheet HTML 6Page - STMicroelectronics L6615N Datasheet HTML 7Page - STMicroelectronics L6615N Datasheet HTML 8Page - STMicroelectronics L6615N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/20
L6615
(*) Mirror accuracy is defined as :
and it represents the accuracy of the transfer between the voltage sensed and the voltage imposed on the
share bus.
BLOCK DIAGRAM
IOH
Source current
VCOMP=1.5V, V SH ≥ 300mV,
VSENSE=-10mV
-150
-350
-400
µA
IOL
Sink current
VCOMP= 1.5V, VSENSE=-10mV
200
Ω resistor SH to GND
100
200
300
µA
VCOMP(L)
Low voltage
0.05
0.15
0.25
VZ
Clamp Zener voltage
IZ = 1mA
1.5
V
ADJ AMPLIFIER
IADJ
Max. ADJ output current
VSH= 1V, VSENSE= 0V
6.5
10
13
mA
VT
Threshold voltage
IADJ=10µA
0.7
V
RA
Emitter resistor
Guaranteed by design
60
100
140
Ω
VADJ(MIN) Low saturation voltage
IADJ=5mA
1
V
IADJ=1mA
0.4
V
ELECTRICAL CHARACTERISTCS (continued)
(Tj = -40 to 85°C, Vcc=12V, VADJ = 12V, CCOMP = 5nF to GND, RCGA = 16kΩ, unless otherwise specified;
VSENSE = IL * RSENSE, RG1 = RG2 = 200Ω)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
V
SH
V
SE N SE
R
CG A
R
G
---------------
⋅
-----------------------------------------
1
–
100
⋅
=
_
ADJ OUTPUT
AMPLIFIER (AOA)
COMP
V
CC
40 mV
SH
+
+
_
CGA
_
+
7
I
CGA
UVLO
BIAS
8
6
CS-
CS+
2
3
4
ADJ
R
A
0.7V
Gm ERROR
AMPLIFIER (E/A)
1.5V
5
SHARE SENSE
AMPLIFIER (SSA)
SHARE DRIVE
AMPLIFIER (SDA)
+
_
1
GND
_
+
CURRENT SENSE
AMPLIFIER (CSA)
R
R
R
R
R
R
R
R
24V
_
ADJ OUTPUT
AMPLIFIER (AOA)
COMP
V
CC
40 mV
SH
+
+
_
CGA
_
+
7
I
CGA
UVLO
BIAS
8
6
CS-
CS+
2
3
4
ADJ
R
A
0.7V
Gm ERROR
AMPLIFIER (E/A)
1.5V
5
SHARE SENSE
AMPLIFIER (SSA)
SHARE DRIVE
AMPLIFIER (SDA)
+
_
1
GND
_
+
CURRENT SENSE
AMPLIFIER (CSA)
R
R
R
R
R
R
R
R
24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com