Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6660 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6660
Description  MILLI-ACTUATOR DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6660 Datasheet(HTML) 2 Page - STMicroelectronics

  L6660 Datasheet HTML 1Page - STMicroelectronics L6660 Datasheet HTML 2Page - STMicroelectronics L6660 Datasheet HTML 3Page - STMicroelectronics L6660 Datasheet HTML 4Page - STMicroelectronics L6660 Datasheet HTML 5Page - STMicroelectronics L6660 Datasheet HTML 6Page - STMicroelectronics L6660 Datasheet HTML 7Page - STMicroelectronics L6660 Datasheet HTML 8Page - STMicroelectronics L6660 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A and B
GND-P
COIL
A or B.
OUT1-A
SLEEP
OUTK-A
INA(inv)
INA(not inv)
INB(not inv)
INB(inv)
OUTK-B
V5/12-AP
OUT1-B
RC comp
HVM
HVP
1
3
2
4
5
6
7
8
9
22
21
20
19
18
16
17
15
23
10
24
WENA
PINCON
Vin 0-5
Vref IN
11
14
13
12
GND-A
Vref OUT
V
OSH
V
FDB
PIN CONNECTION SO24-SHIRINK (Top view)
PIN FUNCTIONS
N.
Name
Description
1
AandB
MUX Enable (see Tab. 1).
2
GND-P
Power ground.
3
COIL
Coil for positive step UP and capacitor for negative charge.
4
AorB
MUX command Aor B input selection (0 = A; 1 = B).
5
OUT1-A
Output ampl.A.
6
OUTK-A
Hi current output ampl.A.
7
SLEEP
Sleep mode for stand-by condition (0=SLEEP 1=operative).
8
INA (inv)
Inverting input of A-amplifier.
9
INA (not inv)
Non Inverting input of A-amplifier.
10
Vosh
Analog level shifter output Vin-Vref (-2.5 to +2.5 dynamic range)
11
Vin 0-5
Analog level shifter input positive voltage.
12
GND-A
Analog ground.
13
Vref OUT
Precise 2.5V reference voltage.
14
Vref IN
Input for external reference voltage.
15
WENA
Multiplexer Enable, Falling Edge sensitive.
16
INB (not inv)
Non Inverting input of B-amplifier.
17
INB (inv)
Inverting input of B-amplifier.
18
OUTK-B
Hi current output ampl.B.
19
OUT1-B
Output ampl.B.
20
V5/12-AP
Analog&Power voltage supply 5 to 12V.
21
Vfdb
Feedback voltage for HVP regulator.
22
RC comp
DC-DC converter compensation network.
23
HVM
Negative High voltage generated op. amp. supply.
24
HVP
Positive High voltage generated op. amp. supply.
L6660
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com