Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6660 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6660
Description  MILLI-ACTUATOR DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6660 Datasheet(HTML) 6 Page - STMicroelectronics

  L6660 Datasheet HTML 1Page - STMicroelectronics L6660 Datasheet HTML 2Page - STMicroelectronics L6660 Datasheet HTML 3Page - STMicroelectronics L6660 Datasheet HTML 4Page - STMicroelectronics L6660 Datasheet HTML 5Page - STMicroelectronics L6660 Datasheet HTML 6Page - STMicroelectronics L6660 Datasheet HTML 7Page - STMicroelectronics L6660 Datasheet HTML 8Page - STMicroelectronics L6660 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
+20V
+2V
0
Drivers
OUTPUT
Voltage
t
Ztime
AorB
(PIN4)
Deselected
Driver Output
Voltage
-20V
-2V
0
Drivers
OUTPUT
Voltage
t
Ztime
AorB
(PIN4)
Deselected
Driver Output
Voltage
Figure 3. Not selected driver return to Zero Output voltage. Both drivers have the same behavior.
The device is in operative condition and AandB (Pin1) and WENA (Pin15) are at 1 logic
condition. The external feedback programmed for a DC gain value <30V/V.
L6660
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com