Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9982 Datasheet(PDF) 13 Page - Microchip Technology

Part # HV9982
Description  Three-Channel, Closed-Loop, Switch Mode LED Drive IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9982 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HV9982 Datasheet HTML 9Page - Microchip Technology HV9982 Datasheet HTML 10Page - Microchip Technology HV9982 Datasheet HTML 11Page - Microchip Technology HV9982 Datasheet HTML 12Page - Microchip Technology HV9982 Datasheet HTML 13Page - Microchip Technology HV9982 Datasheet HTML 14Page - Microchip Technology HV9982 Datasheet HTML 15Page - Microchip Technology HV9982 Datasheet HTML 16Page - Microchip Technology HV9982 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
HV9982
DS20005295C-page 13
2014-2026 Microchip Technology Inc. and its subsidiaries
FIGURE 3-3:
INTERNAL BLOCK DIAGRAM
S1
S2
SKIP
1/12
CLKA
CLKB
CLKC
CLK
GATE1
CS1
S
R
Q
Q
CLKA
Blanking
CLKA
Linear
Regulator
VIN
UVLO
POR
+
-
REF1
FDBK1
FC
PWMD1
PWMDA
COMP1
PWMDA
FLT1
PWMDA
-
+
Blanking
PWMDA
2
SCDA
OVP1
OVDA
FC
REF
Bandgap
FDA
DIS
REF
VDD
EN
RAMP
RAMP
Generator
RAMP
FDB
FDA
FDC
S
R
Q
Fault
0.1V
Fault
DIS
FC
POR
5V
Shared circuitry
Replicated for each channel
Shared circuitry
PWMDA
RAMP
RAMP
S1
S2
HV9982
S1 S2
+
-
+
-
+
-
+
-
+
-
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com