Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48PRO2C Datasheet(PDF) 1 Page - Dataman Programmers

Part # 48PRO2C
Description  The Dataman 48Pro2C is a super fast PC based universal 48-pin programmer with ISP capabilities and USB 2.0 connectivity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATAMAN [Dataman Programmers]
Direct Link  https://uk.dataman.com/
Logo DATAMAN - Dataman Programmers

48PRO2C Datasheet(HTML) 1 Page - Dataman Programmers

  48PRO2C Datasheet HTML 1Page - Dataman Programmers 48PRO2C Datasheet HTML 2Page - Dataman Programmers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dataman 48Pro2C
www.dataman.com
• Up to 70% faster
programming of high-
capacity memory devices
• Over 86,000 (April
2015) devices
supported with new
devices added monthly
• Intelligent pin drivers
operate down to 1.8V
so you'll be ready to
program the full range
of tomorrows advanced
low-voltage devices
• ISP capable using the
JTAG interface
• Hi-speed USB 2.0
connectivity
• Easy to use software
compatible with the
latest operating
systems including
Windows 8
• Comprehensive 3 years
parts and labour
warranty
• Free life-time software
updates
The Dataman 48Pro2C is a super fast PC based universal 48-pin
programmer with ISP capabilities and USB 2.0 connectivity. The
48Pro2C is built to meet the demands of development labs and field
engineers for super fast universal programming.
Supporting over 86,000 (April 2015) devices with new support being
added monthly, the Dataman 48Pro2C can program without the need for
family-specific modules, giving you the freedom to choose the optimal
device for your design.. Using the built-in, in-system programming (ISP)
connector, the programmer is able to program ISP compatible chips in
circuit.
Hardware
General
• The 48Pro2C programmer offers the same advanced features as the 48Pro+ programmer but with up to
70% faster programming of high-capacity memory devices.
• FPGA based totally reconfigurable 48 powerful TTL pindrivers provide H/L/pull_up/pull_down and read
capability for each pin of the socket. Advanced pindrivers incorporate high-quality high-speed circuitry to
deliver signals without overshoot or ground bounce for all supported devices. Improved pin drivers operate
down to 1.8V so you'll be ready to program the full range of tomorrows advanced low-voltage devices.
• The programmer performs device insertion and contact tests before programming each device. These
capabilities, supported by overcurrent protection and signature-byte check, help prevent chip damage due
to operator error.
• Selftest capability allows diagnostics in the software to thoroughly check the health of the programmer.
• Built-in protection circuits eliminate damage to the programmer and/or programmed devices due to
environment or operator failure. All the inputs of the 48Pro2C programmer, including ZIF socket,
connection to PC and power supply input are protected against ESD up to 15kV.
• The 48Pro2C programmer performs programming verification at the marginal levels of supply voltage,
improving programming yield and guaranteeing long data retention.
• Wide range of socket converters are available to handle devices in PLCC, SOIC, PSOP, SSOP, TSOP, TSSOP,
TQFP, QFN (MLF), SDIP, BGA and other packages.


Similar Part No. - 48PRO2C

ManufacturerPart #DatasheetDescription
logo
Dataman Programmers
48PRO2 DATAMAN-48PRO2 Datasheet
134Kb / 2P
The Dataman 48Pro2 is a super fast PC based universal 48-pin programmer with ISP capabilities and USB 2.0 / parallel connectivity.
04/15
More results

Similar Description - 48PRO2C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CP3UB26 NSC-CP3UB26 Datasheet
3Mb / 268P
Reprogrammable Connectivity Processor with USB and CAN Interfaces
logo
STMicroelectronics
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
logo
Silicon Laboratories
EZR32WG-169MHZ SILABS-EZR32WG-169MHZ Datasheet
3Mb / 29P
Ethernet and USB connectivity
EZR32WG-434MHZ SILABS-EZR32WG-434MHZ Datasheet
3Mb / 29P
Ethernet and USB connectivity
logo
Littelfuse
EL731 LITTELFUSE-EL731 Datasheet
375Kb / 2P
The EL731 is a microprocessor-based
PGR-8800 LITTELFUSE-PGR-8800 Datasheet
480Kb / 2P
The PGR-8800 is a microprocessor-based
SE-701 LITTELFUSE-SE-701 Datasheet
2Mb / 1P
The SE-701 is a microprocessor-based
SIO-RTD LITTELFUSE-SIO-RTD Datasheet
147Kb / 1P
The SIO-RTD is a microprocessor-based
logo
Generalplus Technology ...
GPD2856A GENERALPLUS-GPD2856A Datasheet
663Kb / 14P
The GPD2856A is a chip designed for MP3 players with FM radio and LineIn capabilities.
logo
Laird Tech Smart Techno...
453-00062-K1 LSTD-453-00062-K1 Datasheet
939Kb / 17P
Using the USB-SWD Programmer
v1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com