Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48PRO2C Datasheet(PDF) 2 Page - Dataman Programmers

Part # 48PRO2C
Description  The Dataman 48Pro2C is a super fast PC based universal 48-pin programmer with ISP capabilities and USB 2.0 connectivity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATAMAN [Dataman Programmers]
Direct Link  https://uk.dataman.com/
Logo DATAMAN - Dataman Programmers

48PRO2C Datasheet(HTML) 2 Page - Dataman Programmers

  48PRO2C Datasheet HTML 1Page - Dataman Programmers 48PRO2C Datasheet HTML 2Page - Dataman Programmers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
In the UK…
Dataman Programmers Ltd.
Unit 2 Newton Hall, Dorchester
Road, Maiden Newton, Dorset
DT2 0BD, UK
Tel (01300) 320719
Fax (01300) 321012
In the US…
Dataman Inc.
215 East Michigan Avenue
Orange City, Florida 32763 USA
Tel (386) 774-7785
Fax (386) 774-7796
www.dataman.com
Available from…
Programmer Specification
• 1 x universal programming module (1 x 48-pin DIL ZIF socket and 1 x ISP
connectors)
• Power and operation status LEDs
• USB 2.0 high-speed compatible port
• FPGA based IEEE 1284 slave printer port (useable after upgrade to 48Pro2)
• Protection against surge and ESD on power supply input and parallel port
connection
• Banana jack for ESD wrist strap connection
• Banana jack for connection to ground
Module Specification
Base Unit (DAC)
• On-board intelligence: powerful microprocessor and FPGA based state machine
• Three D/A converters for VCCP, VPP1, and VPP2, controllable rise and fall time
• VCCP range 0..8V/1A
• VPP1, VPP2 range 0..26V/1A
• Selftest capability
ZIF Socket
• 48-pin DIL ZIF socket accepts both 300/600 mil devices up to 48-pin
• Pindrivers: 48 universal
• VCCP/VPP1/VPP2 can be connected to each pin
• Perfect ground for each pin
• FPGA based TTL driver provides H, L, CLK, pull-up, pull-down on all pindriver pins
• Analog pindriver output level selectable from 1.8V up to 26V
• Current limitation, overcurrent shutdown, power failure shutdown
• ESD protection on each pin (IEC1000-4-2: 15kV air, 8kV contact)
• Continuity test: each pin is tested before every programming operation
ISP Connector
• 20-pin male type with missinsertion lock
• 6 TTL pindrivers, provides H, L, CLK, pull-up, pull-down; level H selectable
from 1.8V up to 5V to handle all (including low-voltage) devices
• 1x VCCP voltage (range 2V..7V/100mA), can be applied to two pins
• Programmed chip voltage (VCCP) with both source/sink capability and
voltage sense
• 1x VPP voltage (range 2V..25V/50mA), can be applied to six pins
• Target system supply voltage (range 2V..6V/250mA)
• ESD protection on each pin (IEC1000-4-2: 15kV air, 8kV contact)
• Two output signals, which indicate state of work result = LED OK and LED
Error (active level: min 1.8V)
• Input signal, switch YES! equivalent (active level: max. 0.8V)
Software
User Interface
• The programmer is driven by an easy-to-use control program with pull-down
menus, hot keys and on-line help. Selecting a device is performed by its class,
by manufacturer or simply by typing a fragment of the vendor name and/or
part number.
• Standard device-related commands (read, blank check, program, verify, erase)
are enhanced by test functions (insertion test, signature-byte check) and
additional special functions (auto-increment serialisation, production mode -
programming starts immediately after chip is inserted).
• All known data formats are supported. Automatic file format detection and
conversion performed during loading of file.
• The versatile auto-increment function allows each programmed device to be
assigned an individual or incrementing serial number. This function also
enables the operator to use serial numbers or device identification signatures
from an external file.
• The software provides extensive information about programmable devices
including detailed drawings of all available packages. The software also
provides explanations of chip labelling (prefixes and suffixes).
• The software provides full information for ISP implementation: Description of
ISP connector pins, recommended target design and other necessary details.
• The remote control feature allows the software to be flow controlled by
another application - either using .BAT file commands or DLL file (C/PAS/
VBASIC/.NET).
• Multiple devices can be programmed and tested via a JTAG chain: JTAG chain
(ISP-Jam), JTAG chain (ISP-VME), JTAG chain (ISP-SVF) or JTAG chain (ISP-STP).
• Multiple 48Pro2C programmers can be operated from the same PC creating a
high volume production environment with all the benefits of the standard
48Pro2C. Up to four 48Pro2C programmers can be connected simultaneously
providing a highly scalable gang programming system.
The Dataman 48Pro2C supports over 86,000 (April 2015) of the most popular
devices in use today - with new devices being added monthly.
Programmer (ZIF Socket)
EPROM, EEPROM, Flash EPROM, NAND Flash, LBA-NAND, mDOC H3, Multi-chip
devices, FRAM, MRAM, NV RAM, Serial E(E)PROM, Serial Flash, Configuration (EE)
PROM, 1-Wire E(E)PROM, PLD, FPGA, Clocks, Microcontrollers
Programmer (ISP Connector)
Serial E(E)PROM, 1-Wire E(E)PROM, Serial Flash, Microcontrollers, PLD, FPGA
Package Includes
• Dataman 48Pro2C Super Fast Universal ISP Programmer
Dimensions: 195 x 140 x 55mm (7.7 x 5.5 x 2.2inches)
Weight: 0.9Kg (1.98lbs)
Operating voltage: 100-240V AC
Power consumption: max. 20W active / approx. 2W sleep
• Moulded USB cable
• ISP cable
• Diagnostic POD for selftest of the programmer
• Diagnostic POD for selftest of the ISP connector
• Anti-dust cover for ZIF socket
• User manual
• Software
• Optional range of adapters and socket converters also available
Warranty and Support
• 30 day money back guarantee* - If you don't like it, send it back.
• Three year guarantee - Three years parts and labour warranty, on the
48Pro2C universal device programmer.
• Life-Time Technical Support - 48Pro2C technical support is available free via
our website and telephone helpdesk for life.
• Life-Time Software Updates – 48Pro2C software updates are available free
via our website for life.
*Applies to orders from UK/US offices only



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com