Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6902D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6902D
Description  UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6902D Datasheet(HTML) 1 Page - STMicroelectronics

  L6902D Datasheet HTML 1Page - STMicroelectronics L6902D Datasheet HTML 2Page - STMicroelectronics L6902D Datasheet HTML 3Page - STMicroelectronics L6902D Datasheet HTML 4Page - STMicroelectronics L6902D Datasheet HTML 5Page - STMicroelectronics L6902D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
L6902D
June 2002
s
UP TO 1A OUTPUT CURRENT
s
OPERATING INPUT VOLTAGE FROM 8V TO 36V
s
PRECISE 3.3V (±2%) REFERENCE VOLTAGE
s
5% OUTPUT CURRENT ACCURACY
s
OUTPUT VOLTAGE ADJUSTABLE FROM
1.235V TO 34V
s
250KHz INTERNALLY FIXED FREQUENCY
s
VOLTAGE FEEDFORWARD
s
ZERO LOAD CURRENT OPERATION
s
ADJUSTABLE CURRENT LIMIT
s
PROTECTION AGAINST FEEDBACK
DISCONNECTION
s
THERMAL SHUTDOWN
APPLICATIONS
s
CHARGERS FOR NiCd, NiMH BATTERIES
AND PREREGULATOR FOR LITHIUM-ION
BATTERIES
s
ADJUSTABLE CURRENT GENERATOR
s
SIMPLE STEP-DOWN CONVERTERS WITH
ADJUSTABLE CURRENT LIMIT
s
BATTERY EQUIPPED SYSTEMS
s
DISTRIBUTED POWER SUPPLY
s
MOBILE PC & SUBNOTEBOOK
DESCRIPTION
The L6902D is a complete and simple step down
switching regulator with adjustable current limit.
Based on a voltage mode structure it integrates a cur-
rent error amplifier to have a constant voltage and con-
stant current control.
By means of an on board current sense resistor and
the availability of the current sense pins (both com-
patible to Vcc and for Cs- compatible with GND too)
a current limit programming is very simple and accu-
rate (±5%). Moreover constant current control can be
used to charge NiMH and NiCd batteries.
The device can be used as a standard DC/DC con-
verter with adjustable current limit (set by using the
external sense resistor).
The internal robust P-Channel DMOS transistor with a
typical of 250m
Ω assures high efficiency and a mini-
mum dropout even at high output current level. The in-
ternal limiting current (latched function) of typical value
of 2.5A protects the device from accidental output short
circuit avoiding dangerous loads damage.
If the temperature of the chip goes higher than a fixed
internal threshold (150°C with 20°C hysteresis), the
power stage is turned off.
SO8
ORDERING NUMBERS: L6902D
L6902D013TR (Tape & Reel)
UP TO 1A SWITCHING REGULATOR WITH
ADJUSTABLE CURRENT LIMIT
TEST AND APPLICATION CIRCUIT
L1 22
µH
OUT
C1
10
µF
25V
CERAMIC
C3
220pF
C2
22nF
D1
STPS340U
R3
5.1K
C4
100
µF
10V
POSCAP
R1
5.6K
RSENSE
100m
Ω
R2
3.3K
VIN=8V to 36V
3.3V
VOUT=3.3V
VCC
COMP
VREF
GND
FB
D01IN1306A
8
6
4
2
3
5
1
7


Similar Part No. - L6902D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6902D STMICROELECTRONICS-L6902D Datasheet
129Kb / 7P
UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
Oct-2004
L6902D STMICROELECTRONICS-L6902D Datasheet
203Kb / 11P
Zero load current operation
26-Nov-2010
L6902D013TR STMICROELECTRONICS-L6902D013TR Datasheet
129Kb / 7P
UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
Oct-2004
L6902D013TR STMICROELECTRONICS-L6902D013TR Datasheet
203Kb / 11P
Zero load current operation
26-Nov-2010
L6902D STMICROELECTRONICS-L6902D_04 Datasheet
129Kb / 7P
UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
Oct-2004
More results

Similar Description - L6902D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6902D STMICROELECTRONICS-L6902D_04 Datasheet
129Kb / 7P
UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
Oct-2004
A6902D STMICROELECTRONICS-A6902D Datasheet
221Kb / 12P
Up to 1A step down switching regulator with adjustable current limit for automotive applications
05-Nov-2007
A6902D STMICROELECTRONICS-A6902D_08 Datasheet
159Kb / 12P
Up to 1 A step down switching regulator with adjustable current limit for automotive applications
02-May-2008
A6902D_0808 STMICROELECTRONICS-A6902D_0808 Datasheet
264Kb / 12P
Up to 1 A step down switching regulator with adjustable current limit for automotive applications
28-Aug-2008
logo
Linear Technology
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
Negative Regulator with Adjustable Current Limit
logo
Texas Instruments
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
logo
Torex Semiconductor
XC6604 TOREX-XC6604 Datasheet
899Kb / 30P
0.5V Low Input, 1A High Speed LDO Regulator with Adjustable Current Limit
logo
Linear Technology
RH1185AMK LINER-RH1185AMK_15 Datasheet
84Kb / 2P
Negative Regulator with Adjustable Current Limit
logo
Maxim Integrated Produc...
MAX9611PMB1 MAXIM-MAX9611PMB1 Datasheet
1Mb / 9P
Programmable Current Limit Up to 1A
Rev 0; 5/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com