Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6902D Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6902D
Description  UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6902D Datasheet(HTML) 2 Page - STMicroelectronics

  L6902D Datasheet HTML 1Page - STMicroelectronics L6902D Datasheet HTML 2Page - STMicroelectronics L6902D Datasheet HTML 3Page - STMicroelectronics L6902D Datasheet HTML 4Page - STMicroelectronics L6902D Datasheet HTML 5Page - STMicroelectronics L6902D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
L6902D
2/6
DESCRIPTION (Continued)
Other protections beside thermal shutdown complete the device for a safe and reliable application: overvoltage
protection, frequency folback overcurrent protection and protection vs. feedback disconnection.
The internal fixed switching frequency of 250KHz, and the SO-8 package pin allow to built an ultra compact DC/
DC converter with a minimum board space.
PIN CONNECTION
PIN DESCRIPTION
THERMAL DATA
(*) Package mounted on board.
ABSOLUTE MAXIMUM RATINGS
N°
Pin
Function
1
OUT
Regular Output
2
CS+
Current Error Amplifier input (current sense at higher voltage)
3
CS-
Current Error Amplifier input (current sense at lower voltage)
4
COMP
E/A output to be used for frequency compensation
5
FB
Stepdown feedback input. Connecting directly to this pin results in an output voltage of 1.235V.
An external resistive divider is required for higher output voltages. In this case:
6VREF
3.3V VREF. No cap is need for stability.
7
GND
Ground
8
VCC
Unregulated DC input voltage.
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to Ambient Max.
110 (*)
°C/W
Symbol
Parameter
Value
Unit
V8
Input Voltage
40
V
V1
Output DC voltageOutput peak voltage at t = 0.1
µs
-1 to 40
-5 to 40
V
V
I1
Maximum output current
Internally limited
V4, V5
Analog pins
4
V
V2, V3
Analog pins
-0.3V to VCC
V
Ptot
Power dissipation at Tamb ≤ 70 °C
0.7
W
Tj
Operating junction temperature range
-40 to 150
°C
Tstg
Storage temperature range
-55 to 150
°C
8
6
4
7
3
2
5
1
OUT
CS+
CS-
COMP
VCC
GND
VREF
FB
V
out
V
FB
1
R1
R2
--------
+


⋅
1.235V 1
R1
R2
--------
+


==



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com