Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE555 Datasheet(PDF) 8 Page - STMicroelectronics

Part # NE555
Description  GENERAL PURPOSE SINGLE BIPOLAR TIMERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE555 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button NE555 Datasheet HTML 2Page - STMicroelectronics NE555 Datasheet HTML 3Page - STMicroelectronics NE555 Datasheet HTML 4Page - STMicroelectronics NE555 Datasheet HTML 5Page - STMicroelectronics NE555 Datasheet HTML 6Page - STMicroelectronics NE555 Datasheet HTML 7Page - STMicroelectronics NE555 Datasheet HTML 8Page - STMicroelectronics NE555 Datasheet HTML 9Page - STMicroelectronics NE555 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LINEAR RAMP
When the pullup resistor, RA, in the monostable cir-
cuit is replaced by a constant current source, a linear
ramp is generated. Figure 17 shows a circuit con-
figuration that will perform this function.
Trigger
Output
C
NE555
2
4
3
1
5
6
7
8
E
VCC
0.01
µF
R2
R1
R
2N4250
or equiv.
Figure 17.
Out
R A
C
NE55
2
4
3
1
5
6
7
8
VCC
51k
Ω
RB
22k
Ω
0.01
µF
VCC
0.01
µF
Figure 19 : 50% Duty Cycle Oscillator.
Figure 18 shows waveforms generator by the linear
ramp.
The time interval is given by :
T
= (
2/3 VCC RE
(R1+ R2) C
R1 VCC
± VBE (R1+ R2)
VBE = 0.6V
Figure 18 : Linear Ramp.
VCC = 5V
Top trace : input 3V/DIV
Time = 20
µs/DIV
Middle trace : output 5V/DIV
R1 = 47k
Ω
Bottom trace : output 5V/DIV
R2 = 100k
Ω
Bottom trace : capacitor voltage
RE = 2.7k
Ω
1V/DIV
C = 0.01
µF
50% DUTY CYCLE OSCILLATOR
For a 50% duty cycle the resistors RA and RE may
be connected as in figure19. The time preriod for the
output high is the same as previous,
t1 = 0.693 RA C.
For the output low it is t2 =
[
(RARB) ⁄ (RA + RB)] CLn
RB ± 2RA
2RB
± RA
Thus the frequency of oscillation is f
=
1
t1
+ t2
Note that this circuit will not oscillate if RB is greater
than 1/2 RA because the junction of RA and RB can-
not bring pin 2 down to 1/3 VCC and trigger the lower
comparator.
ADDITIONAL INFORMATION
Adequate power supply bypassing is necessary to
protect associated circuitry. Minimum recom-
mended is 0.1
µF in parallel with 1µF electrolytic.
NE555/SA555/SE555
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com