Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE555 Datasheet(PDF) 1 Page - STMicroelectronics

Part # NE555
Description  GENERAL PURPOSE SINGLE BIPOLAR TIMERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE555 Datasheet(HTML) 1 Page - STMicroelectronics

  NE555 Datasheet HTML 1Page - STMicroelectronics NE555 Datasheet HTML 2Page - STMicroelectronics NE555 Datasheet HTML 3Page - STMicroelectronics NE555 Datasheet HTML 4Page - STMicroelectronics NE555 Datasheet HTML 5Page - STMicroelectronics NE555 Datasheet HTML 6Page - STMicroelectronics NE555 Datasheet HTML 7Page - STMicroelectronics NE555 Datasheet HTML 8Page - STMicroelectronics NE555 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
April 1995
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
1
2
3
45
6
7
8
1 - GND
2 - Trigger
3 - Output
4 - Reset
5 - Control voltage
6 - Threshold
7 - Discharge
8- VCC
PIN CONNECTIONS (top view)
.
LOW TURN OFF TIME
.
MAXIMUM
OPERATING
FREQUENCY
GREATER THAN 500kHz
.
TIMING FROM MICROSECONDS TO HOURS
.
OPERATES
IN
BOTH
ASTABLE
AND
MONOSTABLE MODES
.
HIGH OUTPUT CURRENT CAN SOURCE OR
SINK 200mA
.
ADJUSTABLE DUTY CYCLE
.
TTL COMPATIBLE
.
TEMPERATURE
STABILITY
OF
0.005%
PER
oC
ORDER CODES
Part
Number
Temperature
Range
Package
ND
NE555
0
oC, 70oC
••
SA555
–40
oC, 105oC
••
SE555
–55
oC, 125oC
••
DESCRIPTION
The NE555 monolithic timing circuit is a highly stable
controller capableof producing accuratetime delays
or oscillation. In the time delay mode of operation,
the time is precisely controlled by one external re-
sistor and capacitor.For a stableoperation as an os-
cillator, the free running frequency and the duty cy-
cle are both accurately controlled with two external
resistors and one capacitor. The circuit may be trig-
gered and reset on falling waveforms, and the out-
put structure can source or sink up to 200mA. The
NE555 is available in plastic and ceramic minidip
package and in a 8-lead micropackage and in metal
can package version.
NE555
SA555 - SE555
GENERAL PURPOSE SINGLE BIPOLAR TIMERS
1/10


Similar Part No. - NE555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
Timer
August 31, 1994
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
Precision Timer
logo
Fairchild Semiconductor
NE555 FAIRCHILD-NE555 Datasheet
150Kb / 14P
Single Timer
logo
Harris Corporation
NE555 HARRIS-NE555 Datasheet
79Kb / 6P
Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
NEC
NE555 NEC-NE555 Datasheet
26Kb / 1P
PRECISION TIMERS
More results

Similar Description - NE555

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
GENERAL PURPOSE DUAL BIPOLAR TIMERS
Jun-2003
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
General Purpose Timers
August 24, 2006
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
General purpose single bipolar timers
15-Mar-2007
NE555 STMICROELECTRONICS-NE555_12 Datasheet
1Mb / 20P
General-purpose single bipolar timers
January 2012 Rev 6
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
General-purpose dual bipolar timers
27-Jan-2009
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
General-purpose single bipolar timers
04-Jan-2012
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
General-purpose dual bipolar timers
27-Jan-2009
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
General Purpose Timers
August 24, 2006
logo
Analog Devices
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
general-purpose timers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com