Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS881 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS881
Description  Rail-to-rail 0.9 V nanopower comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS881 Datasheet(HTML) 5 Page - STMicroelectronics

  TS881 Datasheet HTML 1Page - STMicroelectronics TS881 Datasheet HTML 2Page - STMicroelectronics TS881 Datasheet HTML 3Page - STMicroelectronics TS881 Datasheet HTML 4Page - STMicroelectronics TS881 Datasheet HTML 5Page - STMicroelectronics TS881 Datasheet HTML 6Page - STMicroelectronics TS881 Datasheet HTML 7Page - STMicroelectronics TS881 Datasheet HTML 8Page - STMicroelectronics TS881 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID023340 Rev 2
5/21
TS881
Absolute maximum ratings and operating conditions
21
1
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1. All voltage values, except differential voltages, are referenced to VCC-. VCC is defined as the difference
between VCC+ and VCC-.
6V
VID
Differential input voltage(2)
2. The magnitude of input and output voltages must never exceed the supply rail ±0.3 V.
±6
V
VIN
Input voltage range
(VCC-) - 0.3 to (VCC+) + 0.3
V
RTHJA
Thermal resistance junction-to-ambient(3)
SC70-5
SOT23-5
3. Short-circuits can cause excessive heating. These values are typical.
205
250
°C/W
TSTG
Storage temperature
-65 to +150
°C
TJ
Junction temperature
150
°C
TLEAD
Lead temperature (soldering 10 seconds)
260
°C
ESD
Human body model (HBM)(4)
4. According to JEDEC standard JESD22-A114F.
8000
kV
Machine model (MM)(5)
5. According to JEDEC standard JESD22-A115A.
300
V
Charged device model (CDM)(6)
6. According to ANSI/ESD STM5.3.1.
1300
Latch-up immunity
200
mA
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
Toper
Operating temperature range
0.85 V < VCC < 5.5 V
1.1 V < VCC < 5.5 V
-40 to +85
-40 to +125
°C
VCC
Supply voltage
-40 °C < Tamb < +85 °C
-40 °C < Tamb < +125 °C
0.85 to 5.5
1.1 to 5.5
V
VICM
Common mode input voltage range
0.85 V < VCC < 5.5 V
-40 °C < Tamb < +85 °C
1.1 V < VCC < 5.5 V
-40 °C < Tamb < +85 °C
-40 °C < Tamb < +125 °C
- 0.2 to + 0.2 and
VCC+ - 0.2 to VCC+ +0.2
VCC- - 0.2 to VCC+ +0.2
VCC- to VCC+ +0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com