Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS881 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS881
Description  Rail-to-rail 0.9 V nanopower comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS881 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS881 Datasheet HTML 13Page - STMicroelectronics TS881 Datasheet HTML 14Page - STMicroelectronics TS881 Datasheet HTML 15Page - STMicroelectronics TS881 Datasheet HTML 16Page - STMicroelectronics TS881 Datasheet HTML 17Page - STMicroelectronics TS881 Datasheet HTML 18Page - STMicroelectronics TS881 Datasheet HTML 19Page - STMicroelectronics TS881 Datasheet HTML 20Page - STMicroelectronics TS881 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Ordering information
TS881
20/21
DocID023340 Rev 2
4
Ordering information
5
Revision history
Table 9. Order codes
Order code
Temperature
range
Package
Packaging
Marking
TS881ICT
-40 to +125 °C
SC70-5
Tape and reel
K56
TS881ILT
-40 to +125 °C
SOT23-5
Tape and reel
K524
Table 10. Document revision history
Date
Revision
Changes
18-Jul-2012
1
Initial release.
16-Dec-2013
2
Updated title on page 1 (replaced 1.1 V by 0.9 V).
Added package SOT23-5 and package information: on page 1, in
Section : Description on page 1, Figure 1: Pin connections (top view)
on page 1, Table 1, Section 3: Package information, Section 4:
Ordering information.
Updated Section : Features on page 1 (replaced “Supply operation”
from “1.1 V to 5.5 V” to “0.85 V to 5.5 V”, HBM changed from 4 kV to
8 kV).
Updated Section : Description on page 1 (replaced 1.1 by 0.85 V).
Updated Table 1 (changed ESD HBM to 8000 V).
Updated Table 2 (updated and added parameters and values).
Updated Section 2: Electrical characteristics:
– Added Table 3.
– Updated Table 4, Table 5, Table 6 (added min. values for IIO and
IIB symbols).
– Note 4. below Table 4., note 4. below Table 5., and note 4. below
Table 6 (replaced “Maximum values include unavoidable
inaccuracies of the industrial tests.” by “Maximum values are
guaranteed by design.”).
– Added Figure 34 to Figure 43.
Minor modifications throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com