Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS881ICT Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS881ICT
Description  Rail-to-rail 0.9 V nanopower comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS881ICT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS881ICT Datasheet HTML 10Page - STMicroelectronics TS881ICT Datasheet HTML 11Page - STMicroelectronics TS881ICT Datasheet HTML 12Page - STMicroelectronics TS881ICT Datasheet HTML 13Page - STMicroelectronics TS881ICT Datasheet HTML 14Page - STMicroelectronics TS881ICT Datasheet HTML 15Page - STMicroelectronics TS881ICT Datasheet HTML 16Page - STMicroelectronics TS881ICT Datasheet HTML 17Page - STMicroelectronics TS881ICT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Electrical characteristics
TS881
14/21
DocID023340 Rev 2
Figure 26. Propagation delay TPLH vs. input
signal overdrive at VCC = 5 V
Figure 27. Propagation delay TPHL vs. input
signal overdrive at VCC = 5 V
Figure 28. Propagation delay TPLH vs. supply
voltage for signal overdrive 10 mV
Figure 29. Propagation delay TPHL vs. supply
voltage for signal overdrive 10 mV
Figure 30. Propagation delay TPLH vs. supply
voltage for signal overdrive 100 mV
Figure 31. Propagation delay TPHL vs. supply
voltage for signal overdrive 100 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com