Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS881ICT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS881ICT
Description  Rail-to-rail 0.9 V nanopower comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS881ICT Datasheet(HTML) 1 Page - STMicroelectronics

  TS881ICT Datasheet HTML 1Page - STMicroelectronics TS881ICT Datasheet HTML 2Page - STMicroelectronics TS881ICT Datasheet HTML 3Page - STMicroelectronics TS881ICT Datasheet HTML 4Page - STMicroelectronics TS881ICT Datasheet HTML 5Page - STMicroelectronics TS881ICT Datasheet HTML 6Page - STMicroelectronics TS881ICT Datasheet HTML 7Page - STMicroelectronics TS881ICT Datasheet HTML 8Page - STMicroelectronics TS881ICT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
December 2013
DocID023340 Rev 2
1/21
TS881
Rail-to-rail 0.9 V nanopower comparator
Datasheet
- production data
Features
 Ultra low current consumption: 210 nA typ.
 Propagation delay: 2 µs typ.
 Rail-to-rail inputs
 Push-pull output
 Supply operation from 0.85 V to 5.5 V
 Wide temperature range: -40 to +125 °C
 ESD tolerance: 8 kV HBM / 300 V MM
 SMD package
Applications
 Portable systems
 Signal conditioning
 Medical
Description
The TS881 device is a single comparator
featuring ultra low supply current (210 nA typical
with output high, VCC = 1.2 V, no load) with rail-to-
rail input and output capability. The performance
of this comparator allows it to be used in a wide
range of portable applications. The TS881 device
minimizes battery supply leakage and therefore
enhances battery lifetime.
Operating from 0.85 V to 5.5 V supply voltage,
this comparator can be used over a wide
temperature range (-40 to +125 °C) keeping the
current consumption at an ultra low level.
The TS881 device is available in the SC70-5 and
the SOT23-5 package, allowing great space
saving on the PCB.
Figure 1. Pin connections (top view)
SC70-5 (top view)
SOT23-5 (top view)
SC70-5
SOT23-5
www.st.com


Similar Part No. - TS881ICT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS881ILT STMICROELECTRONICS-TS881ILT Datasheet
5Mb / 6P
Training kit for operational amplifiers and comparators
More results

Similar Description - TS881ICT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001 Datasheet
127Kb / 16P
0.9 V, Rail-to-Rail, Single Operational Amplifier
September, 2004 ??Rev. 12
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
Rail-to-rail 1.1 V nanopower comparator
18-Jul-2012
logo
Texas Instruments
TLV3691 TI1-TLV3691 Datasheet
3Mb / 24P
0.9-V to 6.5-V, Nanopower Comparator
TLV3691 TI-TLV3691_15 Datasheet
2Mb / 23P
0.9-V to 6.5-V, Nanopower Comparator
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
Comparator with Rail-to-Rail Output
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
Automotive rail-to-rail 1.8 V high-speed comparator
24-Aug-2016
TS882 STMICROELECTRONICS-TS882 Datasheet
1Mb / 26P
Rail-to-rail 1.1 V dual and quad nanopower comparators
July 2014 Rev 3
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001_17 Datasheet
141Kb / 16P
0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
Rail-to-rail 1.8 V high-speed comparator
17-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com