Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS882 Datasheet (PDF) - STMicroelectronics

TS882 Datasheet PDF - STMicroelectronics
Part # TS882
Download  TS882 Download
File Size   1079.13 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail 1.1 V dual and quad nanopower comparators

TS882 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS882 Datasheet PDF - STMicroelectronics

Part # TS882
Download  TS882 Click to download

File Size   1079.13 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail 1.1 V dual and quad nanopower comparators

TS882 Datasheet (HTML) - STMicroelectronics


TS882 Product details

Description
The TS882 is a dual and the TS884 device a quad comparator featuring ultra-low supply current (220 nA typical per operator with output high, VCC = 1.2 V, no load) with rail-to-rail input and output capability. The performance of these comparators allows them to be used in a wide range of portable applications. The TS882 and TS884 devices minimize battery supply leakage and therefore enhance battery lifetime. Operating from 1.1 to 5.5 V supply voltage, these comparators can be used over a wide temperature range (-40 to +125 °C) keeping the current consumption at an ultra-low level. QFN16 (3 x 3 mm) SO14 TSSOP14 DFN8 (2 x 2 mm) MiniSO8

Features
■ Ultra-low current consumption: 220 nA typ./op.
■ Propagation delay: 2 µs typ.
■ Rail-to-rail inputs
■ Push-pull outputs
■ Supply operation from 1.1 V to 5.5 V
■ Wide temperature range: -40 to +125 °C
■ ESD tolerance: 8 kV HBM / 300 V MM
■ Dual version available in MiniSO8 and DFN8 (2 x 2 mm) package
■ Quad version available in SO14, TSSOP14 and QFN16 3 x 3 mm package Related product
■ See the TS881 datasheet for single operator with smaller package.

Applications
■ Portable systems
■ Signal conditioning
■ Medical




Similar Part No. - TS882

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
Rail-to-rail 1.1 V nanopower comparator
18-Jul-2012
TS881 STMICROELECTRONICS-TS881 Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
TS881ICT STMICROELECTRONICS-TS881ICT Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
TS881ILT STMICROELECTRONICS-TS881ILT Datasheet
5Mb / 6P
Training kit for operational amplifiers and comparators
TS881ILT STMICROELECTRONICS-TS881ILT Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
More results


Similar Description - TS882

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
logo
Maxim Integrated Produc...
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
Rail-to-rail 1.1 V nanopower comparator
18-Jul-2012
TSU101 STMICROELECTRONICS-TSU101 Datasheet
1Mb / 33P
Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
02-Jul-2013
logo
Texas Instruments
LMV7271 TI1-LMV7271_15 Datasheet
1Mb / 35P
Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
LM393LV TI-LM393LV Datasheet
2Mb / 39P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V01 Datasheet
2Mb / 42P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V02 Datasheet
2Mb / 43P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V03 Datasheet
3Mb / 53P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
REVISED DECEMBER 2020
LM393LV TI-LM393LV_V04 Datasheet
4Mb / 57P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
DECEMBER 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com