Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS882 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS882
Description  Rail-to-rail 1.1 V dual and quad nanopower comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS882 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS882 Datasheet HTML 3Page - STMicroelectronics TS882 Datasheet HTML 4Page - STMicroelectronics TS882 Datasheet HTML 5Page - STMicroelectronics TS882 Datasheet HTML 6Page - STMicroelectronics TS882 Datasheet HTML 7Page - STMicroelectronics TS882 Datasheet HTML 8Page - STMicroelectronics TS882 Datasheet HTML 9Page - STMicroelectronics TS882 Datasheet HTML 10Page - STMicroelectronics TS882 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DocID024119 Rev 3
7/26
TS882, TS884
Electrical characteristics
26
Table 5. VCC = +2.7 V, Tamb = +25 °C, VICM = VCC/2 (unless otherwise specified)
(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIO
Input offset voltage(2)
Tamb = +25 °C
-40 °C < Tamb < +125 °C
-6
1
6
mV
∆V
IO
Input offset voltage drift
-40 °C < Tamb < +125 °C
3
µV/°C
VHYST
Input hysteresis voltage(3)
Tamb = +25 °C
-40 °C < Tamb < +125 °C
1.6
2.7
4.2
mV
IIO
Input offset current(4)
Tamb = +25 °C
-40 °C < Tamb < +125 °C
10
100
pA
IIB
Input bias current(4)
Tamb = +25 °C
-40 °C < Tamb < +125 °C
1
10
100
pA
ICC
Supply current per operator
No load, output low, VID = -0.1 V
-40 °C < Tamb < +125 °C
No load, output high, VID = +0.1 V
-40 °C < Tamb < +125 °C
310
220
450
350
nA
ISC
Short-circuit current
Source
Sink
10
13
mA
VOH
Output voltage high
Isource = 2 mA
-40 °C < Tamb < +85 °C
-40 °C < Tamb < +125 °C
2.48
2.40
2.10
2.51
V
VOL
Output voltage low
Isink = 2 mA
-40 °C < Tamb < +85 °C
-40 °C < Tamb < +125 °C
130
210
230
310
mV
CMRR
Common mode rejection ratio
0 < VICM < VCC
-40 °C < Tamb < +125 °C
55
74
dB
TPLH
Propagation delay
(low to high)
f = 1 kHz, CL = 30 pF, RL = 1 MΩ
Overdrive = 10 mV
-40 °C < Tamb < +125 °C
Overdrive = 100 mV
-40 °C < Tamb < +125 °C
6.4
2.3
12
14
3.0
3.7
µs
TPHL
Propagation delay
(high to low)
f = 1 kHz, CL = 30 pF, RL = 1 MΩ
Overdrive = 10 mV
-40 °C < Tamb < +125 °C
Overdrive = 100 mV
-40 °C < Tamb < +125 °C
6.4
2.2
12
14
3.0
3.7
µs
TR
Rise time (10% to 90%)
CL = 30 pF, RL = 1 MΩ
120
ns
TF
Fall time (90% to 10%)
CL = 30 pF, RL = 1 MΩ
130
ns
TON
Power-up time
1.1
1.7
ms
1.
All values over the temperature range are guaranteed through correlation and simulation. No production test is performed
at the temperature range limits.
2.
The offset is defined as the average value of positive and negative trip points (input voltage differences requested to
change the output state in each direction).
3.
The hysteresis is a built-in feature of the TS882. It is defined as the voltage difference between the trip points.
4.
Maximum values include unavoidable inaccuracies of the industrial tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com