Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS882 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS882
Description  Rail-to-rail 1.1 V dual and quad nanopower comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS882 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS882 Datasheet HTML 18Page - STMicroelectronics TS882 Datasheet HTML 19Page - STMicroelectronics TS882 Datasheet HTML 20Page - STMicroelectronics TS882 Datasheet HTML 21Page - STMicroelectronics TS882 Datasheet HTML 22Page - STMicroelectronics TS882 Datasheet HTML 23Page - STMicroelectronics TS882 Datasheet HTML 24Page - STMicroelectronics TS882 Datasheet HTML 25Page - STMicroelectronics TS882 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Package information
TS882, TS884
22/26
DocID024119 Rev 3
Table 10. QFN16 3 x 3 mm (pitch 0.5 mm) package mechanical data
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0.02
0.05
0.001
0.002
A3
0.20
0.008
b
0.18
0.25
0.30
0.007
0.010
0.012
D
2.85
3.00
3.15
0.112
0.118
0.124
D1
1.50
0.059
D2
See exposed pad variation
See exposed pad variation
E
2.85
3.00
3.15
0.112
0.118
0.124
E1
1.50
0.059
E2
See exposed pad variation
See exposed pad variation
e
0.45
0.50
0.55
0.018
0.020
0.022
L
0.30
0.40
0.50
0.012
0.016
0.020
ddd
0.08
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com