Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS882 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS882
Description  Rail-to-rail 1.1 V dual and quad nanopower comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS882 Datasheet(HTML) 1 Page - STMicroelectronics

  TS882 Datasheet HTML 1Page - STMicroelectronics TS882 Datasheet HTML 2Page - STMicroelectronics TS882 Datasheet HTML 3Page - STMicroelectronics TS882 Datasheet HTML 4Page - STMicroelectronics TS882 Datasheet HTML 5Page - STMicroelectronics TS882 Datasheet HTML 6Page - STMicroelectronics TS882 Datasheet HTML 7Page - STMicroelectronics TS882 Datasheet HTML 8Page - STMicroelectronics TS882 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
This is information on a product in full production.
July 2014
DocID024119 Rev 3
1/26
TS882
TS884
Rail-to-rail 1.1 V dual and quad nanopower comparators
Datasheet
- production data
Features
• Ultra-low current consumption: 220 nA typ./op.
• Propagation delay: 2 µs typ.
• Rail-to-rail inputs
• Push-pull outputs
• Supply operation from 1.1 V to 5.5 V
• Wide temperature range: -40 to +125 °C
• ESD tolerance: 8 kV HBM / 300 V MM
• Dual version available in MiniSO8 and DFN8
(2 x 2 mm) package
• Quad version available in SO14, TSSOP14
and QFN16 3 x 3 mm package
Related product
• See the TS881 datasheet for single operator
with smaller package.
Applications
• Portable systems
• Signal conditioning
• Medical
Description
The TS882 is a dual and the TS884 device a
quad comparator featuring ultra-low supply
current (220 nA typical per operator with output
high, VCC = 1.2 V, no load) with rail-to-rail input
and output capability. The performance of these
comparators allows them to be used in a wide
range of portable applications. The TS882 and
TS884 devices minimize battery supply leakage
and therefore enhance battery lifetime.
Operating from 1.1 to 5.5 V supply voltage, these
comparators can be used over a wide
temperature range (-40 to +125 °C) keeping the
current consumption at an ultra-low level.
QFN16 (3 x 3 mm)
SO14
TSSOP14
DFN8 (2 x 2 mm)
MiniSO8
Table 1. Device summary
Order codes
Temperature range
Packages
Packaging
Marking
TS882IST
-40 to +125 °C
MiniSO8
Tape and reel
K514
TS882IQ2T
DFN8 2 x 2 mm
K56
TS884IDT
-40 to +125 °C
SO14
Tape and reel
S884I
TS884IPT
TSSOP14
S884I
TS884IQ4T
QFN16 3 x 3 mm
K514
www.st.com


Similar Part No. - TS882

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
Rail-to-rail 1.1 V nanopower comparator
18-Jul-2012
TS881 STMICROELECTRONICS-TS881 Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
TS881ICT STMICROELECTRONICS-TS881ICT Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
TS881ILT STMICROELECTRONICS-TS881ILT Datasheet
5Mb / 6P
Training kit for operational amplifiers and comparators
TS881ILT STMICROELECTRONICS-TS881ILT Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
More results

Similar Description - TS882

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
logo
Maxim Integrated Produc...
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
Rail-to-rail 1.1 V nanopower comparator
18-Jul-2012
TSU101 STMICROELECTRONICS-TSU101 Datasheet
1Mb / 33P
Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
02-Jul-2013
logo
Texas Instruments
LMV7271 TI1-LMV7271_15 Datasheet
1Mb / 35P
Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
LM393LV TI-LM393LV Datasheet
2Mb / 39P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V01 Datasheet
2Mb / 42P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V02 Datasheet
2Mb / 43P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V03 Datasheet
3Mb / 53P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
REVISED DECEMBER 2020
LM393LV TI-LM393LV_V04 Datasheet
4Mb / 57P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
DECEMBER 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com