Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM141 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DM141
Description  8x2-Bit Constant Current LED Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM141 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DM141 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DM141
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8x2-Bit Constant Current LED Drivers
-4-
Version
:
:
:
:A.012
Maximum Ratings (Tj
(max) = 150
°°°°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VDD
0 ~ 7.0
V
Input Voltage
VIN
-0.3 ~ VDD+0.3
V
Output Current
IOUT
60
mA
Output Voltage
VOUT
-0.3 ~ 17
V
Clock Frequency
fCLK
25
MHz
GND Terminal Current
IGND
960
mA
3.08 (QFN-32 : Ta=25
°C)
3.12 (SDIP-28 : Ta=25
°C)
Power Dissipation
PD
1.1 (SSOP-28 : Ta=25
°C)
W
40.6 (QFN-32)
40 (SDIP-28)
Thermal Resistance
Rth(j-a)
113.3 (SSOP-28)
°C/W
Storage Temperature
Tstg
-40 ~ 150
°C
Recommended Operating Condition
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
3.0
5.0
5.5
V
Output Voltage
VOUT
17
V
Operating temperature
TOPR
-20
85
℃
IO
(G, R)n
5
60
IOH
SOUT
1.0
Output Current
IOL
SOUT
-1.0
mA
VIH
0.8VDD
VDD+0.3
Input Voltage
VIL
-0.3
0.2VDD
V
LTH Pulse Width
tw LAT
15
ns
CLK Pulse Width
tw CLK
15
ns
Set-up Time for DATA
tsetup(D)
10
ns
Hold Time for DATA
thold(D)
10
ns
Set-up Time for LTH
tsetup(L)
VDD = 3.3 ~ 5.0 V
15
ns
Clock Frequency
fCLK
Cascade operation
25
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com