Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM141 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DM141
Description  8x2-Bit Constant Current LED Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM141 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DM141 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DM141
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8x2-Bit Constant Current LED Drivers
-5-
Version
:
:
:
:A.012
Electrical Characteristics (Typ:VDD = 5.0 V, Ta = 25°°°°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage “H” Level
VIH
0.8VDD
VDD
Input Voltage “L” Level
VIL
GND
0.2VDD
V
Output Leakage Current
IOH
VOH = 17 V
±1.0
uA
VOL
IOL = 1.0 mA
0.3
Output Voltage (SOUT)
VOH
IOH = -1.0 mA
VDD-0.3
V
Output Current (Bit-Bit)
IOL1
V(G, R)n = 1.0
RES = 11.2K
Ω
±6
%
Vdd=5.0V
4.66
5.3
5.94
Output Current (Chip-Chip)
IOL3
V(G, R)n = 1.0V,
RES = 11.2K
Ω
Vdd=3.3V
4.57
5.2
5.83
mA
Output Voltage Regulation
% / VDD RES = 1400
Ω, V(G, R)n = 1V to
3V
±0.1
±0.5
% / V
Supply Voltage Regulation
% / VDD V(G, R)n = 1.0V, RES = 1400
Ω
±1.5
±3.0
% / V
IDD(off)1
Input Signal is static,
RES = OPEN, (G, R)1~8 = off
6
IDD(0ff)2
Input Signal is static,
RES = 2800
Ω, (G, R) 1~8 = off
9.5
Supply Current “OFF”
IDD(off)3
Input Signal is static,
RES = 1400
Ω, (G, R) 1~8 = off
12.5
IDD(on)1
Input Signal is static,
RES = 2800
Ω, (G, R) 1~8 = on
9.5
Supply Current “ON”
IDD(on)2
Input Signal is static,
RES = 1400
Ω, (G, R) 1~8 = on
12.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com