Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMBT2222AM-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # AMMBT2222AM-HF
Description  Small Signal Surface Mount Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AMMBT2222AM-HF Datasheet(HTML) 1 Page - Comchip Technology

  AMMBT2222AM-HF Datasheet HTML 1Page - Comchip Technology AMMBT2222AM-HF Datasheet HTML 2Page - Comchip Technology AMMBT2222AM-HF Datasheet HTML 3Page - Comchip Technology AMMBT2222AM-HF Datasheet HTML 4Page - Comchip Technology AMMBT2222AM-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AMMBT2222AM-HF (NPN)
RoHS Device
Small Signal Surface Mount Transistor
Comchip Technology CO., LTD.
Halogen Free
Features
- Ultra-small surface mount package.
REV:A
Page 1
AQW-JTR40
Maximum Ratings (at Ta=25°C unless otherwise noted)
Dimensions in inches and (millimeter)
SOT-723
0.035(0.90)
0.028(0.70)
0.021(0.54)
0.016(0.40)
0.035(0.90)
0.028(0.70)
0.017(0.42)
0.009(0.22)
0.051(1.30)
0.043(1.10)
0.013(0.32)
0.005(0.12)
0.051(1.30)
0.043(1.10)
1
2
3
0.006(0.15)
0.003(0.08)
0.012(0.30)
0.004(0.10)
- AEC-Q101 Qualified.
Parameter
Value
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current-continuous
Power dissipation-collector (Note 1)
VCBO
VCEO
VEBO
IC
PC
75
40
6
600
265
V
V
V
mA
mW
Symbol
Operating junction temperature
TJ
150
°C
Storage temperature range
TSTG
-55 to +150
°C
Thermal resistance junction to ambient (Note 1)
RθJA
470
°C/W
Mechanical data
- Case: SOT-723, molded plastic.
- Mounting position: Any.
- Terminals: Tin-plated, solderability per
MIL-STD-202, method 208.
- Molding compound: UL flammability classification
rating 94V-0.
A
Collector current-peak pulse width ≤ 40µs, δ = 0.35
ICM
1.5
Note: 1. FR-5 = 1.0 x 0.75 x 0.062 in.
Circuit Diagram
3
1. Base
2. Emitter
3. Collector
1
2


Similar Part No. - AMMBT2222AM-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
AMMBT2222A-HF COMCHIP-AMMBT2222A-HF Datasheet
528Kb / 5P
General Purpose Transistor
REV:A
More results

Similar Description - AMMBT2222AM-HF

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMBT2222AT DIODES-MMBT2222AT_1 Datasheet
172Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
MMDT3946 BILIN-MMDT3946 Datasheet
251Kb / 5P
Small Signal Surface Mount Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com