Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMBT2222AM-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # AMMBT2222AM-HF
Description  Small Signal Surface Mount Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AMMBT2222AM-HF Datasheet(HTML) 2 Page - Comchip Technology

  AMMBT2222AM-HF Datasheet HTML 1Page - Comchip Technology AMMBT2222AM-HF Datasheet HTML 2Page - Comchip Technology AMMBT2222AM-HF Datasheet HTML 3Page - Comchip Technology AMMBT2222AM-HF Datasheet HTML 4Page - Comchip Technology AMMBT2222AM-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Comchip Technology CO., LTD.
Page 2
Small Signal Surface Mount Transistor
Symbol
Parameter
Conditions
Min
Max
Unit
Collector-base breakdown voltage
10
IC = 10μA, IE = 0
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Collector cut-off current
Emitter cut-off current
DC current gain
IC = 10mA, IB = 0
IE = 10μA, IC = 0
VCE = 60V, VBE = 3V
VCB = 60V, IE = 0
VEB = 3V, IC = 0
VCE = 10V, IC = 0.1mA
VCE = 10V, IC = 1mA
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICEX
ICBO
IEBO
hFE(1)
hFE(2)
40
75
6
10
10
300
35
50
V
V
V
nA
nA
nA
VCE = 10V, IC = 10mA
hFE(3)
VCE = 10V, IC = 150mA
hFE(4)
75
100
VCE = 10V, IC = 500mA
hFE(5)
40
Transition frequency
VCE = 20V, IC = 20mA, f = 100MHZ
fT
300
MHZ
Delay time
Storage time
Rise time
Fall time
VCC = 30V, VBE(off) = -0.5V
IC = 150mA, IB1 = 15mA
VCC = 30V, IC = 150mA
Ib1 = -IB2 = 15mA
td
tr
ts
tf
10
25
225
60
ns
ns
ns
ns
Base-emitter saturation voltage
Collector-emitter saturation voltage
IC = 150mA, IB = 15mA
IC = 150mA, IB = 15mA
VCE(sat)
VBE(sat)
1
1.2
V
V
IC = 500mA, IB = 50mA
0.3
IC = 500mA, IB = 50mA
2
0.6
Output capacitance
Input capacitance
COBO
CIBO
pF
pF
VCB =10V, IE = 0, f = 1MHZ
VEB = 0.5V, IC = 0, f = 1MHZ
Typ
8
25
AQW-JTR40
REV:A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com