Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMBT4401-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # AMMBT4401-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AMMBT4401-HF Datasheet(HTML) 3 Page - Comchip Technology

  AMMBT4401-HF Datasheet HTML 1Page - Comchip Technology AMMBT4401-HF Datasheet HTML 2Page - Comchip Technology AMMBT4401-HF Datasheet HTML 3Page - Comchip Technology AMMBT4401-HF Datasheet HTML 4Page - Comchip Technology AMMBT4401-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rating and Characteristic Curves (AMMBT4401-HF)
General Purpose Transistor
Fig.5 - hFE ― IC
Collector Current, IC (A)
0.0001
0.001
0.01
0.1
0
200
300
50
100
150
250
Collector Current, IC (A)
0.001
0.01
0.1
0.01
0.1
1
Fig.3 - VBEsat ― IC
Collector Current, IC (A)
0.001
0.01
0.1
0.1
TA=25°C
β=10
1
Fig.4 - VCEsat ― IC
TA=25°C
β=10
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
1
2
4
0
Fig.2 - PD ― TA
Ambient Temperature, TA (°C)
0
50
100
150
0
125
75
25
100
50
150
200
250
350
300
200
50
100
150
250
0
3
IB=0.1mA
IB=0.5mA
IB=1mA
Common Emitter
TA=25°C
AQW-JTR23
Page 3
REV:A
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
0.2
0.2
0.2
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com