Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMBT4401-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # AMMBT4401-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AMMBT4401-HF Datasheet(HTML) 2 Page - Comchip Technology

  AMMBT4401-HF Datasheet HTML 1Page - Comchip Technology AMMBT4401-HF Datasheet HTML 2Page - Comchip Technology AMMBT4401-HF Datasheet HTML 3Page - Comchip Technology AMMBT4401-HF Datasheet HTML 4Page - Comchip Technology AMMBT4401-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
General Purpose Transistor
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Max
Unit
Collector-base breakdown voltage
100
IC = 10mA, IE = 0
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Base cut-off current
IC = 1mA, IB = 0
IE = 100μA, IC = 0
VCE = 60V, IC = 0
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
60
40
6
V
V
V
nA
100
VCB = 35V, IB= 0
ICEO
nA
DC current gain
VCE = 1V, IC = 150mA
hFE
100
Collector-emitter saturation voltage
VCE(sat)
0.4
V
IC = 150mA, IB = 15mA
Base-emitter saturation voltage
VBE(sat)
V
IC = 150mA, IB = 15mA
0.95
Delay time
Storage time
Rise time
Fall time
VCC = 30V, VBE(off) = 0.2V,
IC = 150mA, IB1 = 15mA
VCC = 30V, IC = 150mA,
td
tr
ts
tf
15
20
225
30
ns
ns
ns
ns
Transition frequency
250
MHz
fT
VCE = 10V, IC = 20mA, f = 100MHZ
IB1 = IB2 = 15mA
Collector cut-off current
IEBO
Emitter cut-off current
nA
100
300
VEB = 3V, IC = 0
AQW-JTR23
Page 2
REV:A
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com