Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXPPVC12RAM Datasheet(PDF) 9 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC12RAM
Description  M12 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12RAM Datasheet(HTML) 9 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC12RAM Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 9Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 11Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 12Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 13Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
174
Circular Automation Connectors
PXPTPU12FBF
PXPPVC12FBF
M12 Flex Body Female
PXPPVC12FBF03ACL010PVC
PXPTPU12FBF03ACL010PUR
PXPPVC12FBF03ACL020PVC
PXPTPU12FBF03ACL020PUR
PXPPVC12FBF03ACL030PVC
PXPTPU12FBF03ACL030PUR
PXPPVC12FBF03ACL050PVC
PXPTPU12FBF03ACL050PUR
PXPPVC12FBF03ACL100PVC
PXPTPU12FBF03ACL100PUR
PXPPVC12FBF03ACL150PVC
PXPTPU12FBF03ACL150PUR
PXPPVC12FBF04ACL010PVC
PXPTPU12FBF04ACL010PUR
PXPPNP12FBF04ACL010PVC
PXPPVC12FBF04ACL020PVC
PXPTPU12FBF04ACL020PUR
PXPPVC12FBF04ACL030PVC
PXPTPU12FBF04ACL030PUR
PXPPNP12FBF04ACL030PVC
PXPPVC12FBF04ACL050PVC
PXPTPU12FBF04ACL050PUR
PXPPNP12FBF04ACL050PVC
PXPPVC12FBF04ACL100PVC
PXPTPU12FBF04ACL100PUR
PXPPNP12FBF04ACL100PVC
PXPPVC12FBF04ACL150PVC
PXPTPU12FBF04ACL150PUR
PXPPVC12FBF05ACL010PVC
PXPTPU12FBF05ACL010PUR
PXPPVC12FBF05ACL020PVC
PXPTPU12FBF05ACL020PUR
PXPPVC12FBF05ACL030PVC
PXPTPU12FBF05ACL030PUR
PXPPVC12FBF05ACL050PVC
PXPTPU12FBF05ACL050PUR
PXPPVC12FBF05ACL100PVC
PXPTPU12FBF05ACL100PUR
PXPPVC12FBF05ACL150PVC
PXPTPU12FBF05ACL150PUR
PXPPVC12FBF08ACL010PVC
PXPTPU12FBF08ACL010PUR
PXPPVC12FBF08ACL020PVC
PXPTPU12FBF08ACL020PUR
PXPPVC12FBF08ACL030PVC
PXPTPU12FBF08ACL030PUR
PXPPVC12FBF08ACL050PVC
PXPTPU12FBF08ACL050PUR
PXPPVC12FBF08ACL100PVC
PXPTPU12FBF08ACL100PUR
PXPPVC12FBF08ACL150PVC
PXPTPU12FBF08ACL150PUR
Part No.
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
Poles
03
03
03
03
03
03
03
03
03
03
03
03
04
04
04
04
04
04
04
04
04
04
04
04
04
04
04
04
05
05
05
05
05
05
05
05
05
05
05
05
08
08
08
08
08
08
08
08
08
08
08
08
Code
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Termination
Cable Material
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PVC
PUR
PVC
PUR
PVC
PVC
PUR
PVC
PVC
PUR
PVC
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
3, 4, 5, 8 & 12 Poles
1, 2, 3, 5, 10 & 15m Cable Options
Overmold Flex Body
Mates with Flex Inline Body &
Panel Mount Connectors.
Circular Automation Connectors
M12 Series
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
1m
2m
2m
3m
3m
3m
5m
5m
5m
10m
10m
10m
15m
15m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
Lead Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com