Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXPPVC12RAM Datasheet(PDF) 17 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC12RAM
Description  M12 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12RAM Datasheet(HTML) 17 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC12RAM Datasheet HTML 13Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 14Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 15Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 16Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 17Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 18Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 19Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 20Page - Bulgin Limited. All rights reserved. PXPPVC12RAM Datasheet HTML 21Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
182
Circular Automation Connectors
17 Poles
0.1m Cable Options
Mates with Flex Body
Circular Automation Connectors
M12 Series
PXMBNI12FLF17AFLFFL001
PXMBNI12FLM17AFLFFL001
Part No.
A
A
Poles
17
17
Code
Flying Lead
Flying Lead
Termination
Mounting Nut
Fixed Flange
Fixed Flange
0.1m
0.1m
Lead Length
PXMBNI12FL
M12 Fixed Flange
4, 5, 8 & 12 Poles
Mates with Flex Body
PCB Termination
PXMBNI12RAF04APCM12
PXMBNI12RAF05APCM12
PXMBNI12RAF08APCM12
PXMBNI12RAF12APCM12
PXMBNI12RAM04APCM12
PXMBNI12RAM05APCM12
PXMBNI12RAM08APCM12
PXMBNI12RAM12APCM12
Part No.
A
A
A
A
A
A
A
A
Poles
04
05
08
12
04
05
08
12
Code
PCB Terminal
PCB Terminal
PCB Terminal
PCB Terminal
PCB Terminal
PCB Terminal
PCB Terminal
PCB Terminal
Termination
Mounting Nut
M12
M12
M12
M12
M12
M12
M12
M12
PXMBNI12RA
M12 Right Angle Rear Panel Mount
PXPLCP12SM
4, 5, 8 & 12 Poles
Male and Female Options
PCB Termination
M12 SMT Connectors
Part No.
PXPLCP12SMM04APC
PXPLCP12SMM05APC
PXPLCP12SMM08APC
PXPLCP12SMM12APC
PXPLCP12SMF05APC
PXPLCP12SMF08APC
Termination
PCB Terminal
PCB Terminal
PCB Terminal
PCB Terminal
PCB Terminal
PCB Terminal
Poles
04
05
08
12
05
08
Code
A
A
A
A
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com