Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5038. Datasheet(PDF) 2 Page - Multicomp Pro

Part # 2N5038.
Description  Bipolar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N5038. Datasheet(HTML) 2 Page - Multicomp Pro

  2N5038. Datasheet HTML 1Page - Multicomp Pro 2N5038. Datasheet HTML 2Page - Multicomp Pro 2N5038. Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
18/03/25
Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Parameter
Symbol
Test Condition
Min.
Max.
Unit
OFF Characteristics
Collector-Emitter Sustaining Voltage(2)
VCEO(sus)
IC=200mAdc, IB=0
90
--
Vdc
Collector Cut Off Current
ICEX
(VCE = 140VDC, VBE(off) = 1.5V)
--
50
mAdc
(VCE = 100VDC, VBE(off) = 1.5V)
VDC, TC = 150°C)
10
Emitter Cut Off Current
IEBO
VBE=5Vdc, IC=0
5
VBE=7Vdc, IC=0
50
On Characteristics (2)
DC Current Gain
hFE
IC=12Adc, VCE=5Vdc
20
100
--
Collector Emitter Saturation Voltage
VCE (sat)
IC=20Adc, IB=5Adc
--
2.5
Vdc
Base-Emitter Saturation Voltage
VBE (sat)
IC=20Adc, IB=5Adc
3.3
Dynamic Characteristic
Magnitude of common Emitter
Small - Signal Short Circuit Forward
Current Transfer Ratio
|hfe|
IC=2Adc, VCE=10Vdc, f=5KHz
12
--
--
Switching Characteristics
Resistive Load
Rise Time
tr
VCC = 30Vdc
--
0.5
s
Storage Time
ts
IC = 12Adc, IB1 = IB2 = 1.2 Adc)
--
1.5
s
Electrical Characteristics T
A=25°C unless otherwise specified)
*Indicates JEDEC Registered Data.
(2) Pulse Test: Pulse Width ≤ 300, s, Duty Cycle ≤ 2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com