Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5038. Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2N5038.
Description  Bipolar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N5038. Datasheet(HTML) 1 Page - Multicomp Pro

  2N5038. Datasheet HTML 1Page - Multicomp Pro 2N5038. Datasheet HTML 2Page - Multicomp Pro 2N5038. Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
18/03/25
Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Absolute Maximum Ratings (Ta = 25°C)
Description
Symbol
2N6052
Unit
Collector Base Voltage
VCBO
150
V DC
Collector-Emitter Voltage
VCEO
90
Emitter-Base Voltage
VEBO
7
Collector Current - Continuous
Peak (1)
IC
ICM
20
30
A DC
Base Current — Continuous
IB
5
Total Device Dissipation @ TC = 25°C
Derate above 25ºC
PD
140
0.8
Watts
W/°C
Operating and Storage Junction Temperature Range
Tj, Tstg
- 65 to +200
ºC
Thermal Characteristics
Description
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RJC
1.25
ºC/W
Features
• Fast switching speeds and high current capacity
High Speed - tf = 0.5s (Max)
High Current - IC=30Amp
Low Saturation - VCE(sat) = 2.5 V (Max) @ IC=20Amp
Application: Switching regulators, inverters, wide-band amplifiers and power oscillators in industrial and commercial
applications.
*Indicates JEDEC Registered Data.
(1) Pulse Test: Pulse Width ≤ 10 ms, Duty Cycle ≤ 50%.


Similar Part No. - 2N5038.

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5038 MOSPEC-2N5038 Datasheet
89Kb / 2P
POWER TRANSISTORS(20A,140W)
logo
ON Semiconductor
2N5038 ONSEMI-2N5038 Datasheet
124Kb / 4P
NPN SILICON POWER TRANSISTORS
REV 7
logo
STMicroelectronics
2N5038 STMICROELECTRONICS-2N5038 Datasheet
64Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
logo
Boca Semiconductor Corp...
2N5038 BOCA-2N5038 Datasheet
95Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N5038 MICROSEMI-2N5038 Datasheet
55Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
More results

Similar Description - 2N5038.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com