Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP002000 Datasheet(PDF) 2 Page - Multicomp Pro

Part # MP002000
Description  100W AC-DC Enclosed Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP002000 Datasheet(HTML) 2 Page - Multicomp Pro

  MP002000 Datasheet HTML 1Page - Multicomp Pro MP002000 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.0
23/01/20
100W AC-DC Enclosed
Power Supplies
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Enclosed Power Supply, 100W, 12V DC, 8.5A
MP002000
Enclosed Power Supply, 100W, 24V DC, 4.5A
MP001999
Storage Humidity
10% to 95%RH (Noncondensing)
10%RH to 95%RH (Noncondensing)
Temp Coefficient
±0.03% / °C (0°C to 50°C)
±0.03% / °C (0°C to 50°C)
Vibration Resistance
10Hz to 500Hz, 5G, 10min / Cycle, X, Y, Z
60min in each direction
10Hz to 500Hz, 5G, 10min / cycle, X, Y, Z
60min in each direction
Safety Standard
CE, UL60950-1, EN60950-1
CE, UL60950-1, EN60950-1
Withstand Voltage
I/P-O/P: 3kV AC, I/P-FG: 2kV AC, O/P-FG:
0.5kV AC
I/P-O/P: 3kV AC, I/P-FG :2kV AC, O/P-FG
:0.5kV AC
Isolation Resistance
I/P-O/P, I/P-FG, O/P-FG: 100MΩ / 500V DC I/P-O/P, I/P-FG, O/P-FG :100MΩ / 500V DC
EMC
EN55022 Class B
EN55022 Class B
Lifetime
380,000 hours (25°C)
380,000 hours (25°C)
Size
129mm × 97mm × 30mm (L × W × H)
129mm × 97mm × 30mm (L × W × H)
Weight
0.34Kg / pc 54 pcs / carton
0.34Kg / pc 54 pcs / carton
Diagram
Dimensions : Millimetres



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com