Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP002000 Datasheet(PDF) 1 Page - Multicomp Pro

Part # MP002000
Description  100W AC-DC Enclosed Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP002000 Datasheet(HTML) 1 Page - Multicomp Pro

  MP002000 Datasheet HTML 1Page - Multicomp Pro MP002000 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
23/01/20
100W AC-DC Enclosed
Power Supplies
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Small Compact Design
• Cooling by free air convection
• Universal Input
• Withstand 5G Vibration Test
• UL & CE Approved
Description
This 100W enclosed power supply range has been specially designed to offer high efficiency, long life and high reliability for
use in a variety of applications.
Part Number
MP002000
MP001999
DC Voltage
12V
24V
Rated Current
8.5A
4.5A
Current Range
0A to 8.5A
0A to 4.5A
Rated Power
102W
108W
Ripple & Noise
150mVp-p
200mVp-p
Voltage Regulation Range
±10%
±10%
Voltage Accuracy
≤1%
≤1%
Line Adjustment
≤1%
≤1%
Load Adjustment Rate
≤1%
≤1%
No Load Power Consumption <0.3W
<0.3W
Rise
500ms, 30ms / 230V AC 100% Load
500ms, 30ms / 230V AC 100% Load
Hold Uptime
30ms/ 100% Rated Load
30ms/ 100% Rated Load
Input Voltage Range
100V AC to 240V AC
100V AC to 240V AC
Frequency
47Hz to 63Hz
47Hz to 63Hz
Input Current
MAX 2.8 / 115V AC 1.6A / 230V AC
MAX 2.8/115 V AC 1.6A / 230V AC
Efficiency
86%
88%
Alternating Current
1.9A / 115V AC 1.2A / 230V AC
1.9A / 115V AC1.2A / 230V AC
Inrush Current
50A / 230V AC
50A / 230V AC
Leakage Current
<0.75mA / 240V AC
<0.75mA / 240V AC
Overload
120% to 140% of rated output, auto-recovery 120% to 140% of ated output, auto-recovery
Short Circuit
Hiccup Mode, auto-recovery
Hiccup Mode, auto-recovery
Working Temp
-30°C to +70°C (See derating curve)
-30°C to +70°C (See derating curve)
Working Humidity
20% RH to 95%RH (Noncondensing)
20%RH to 95%RH (Noncondensing)
Storage Temp
-40°C to +85°C
-40°C to +85°C
Specifications


Similar Part No. - MP002000

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
MP0022 BULGIN-MP0022 Datasheet
56Kb / 1P
Push Button
MP0022 BULGIN-MP0022 Datasheet
1Mb / 24P
Switches
MP0022/Col BULGIN-MP0022/Col Datasheet
56Kb / 1P
Push Button
logo
List of Unclassifed Man...
MP002443 ETC-MP002443 Datasheet
541Kb / 7P
USB Type C Sealed Connector, Cable Assembly and Dust Cap
08/12/20 V1.1
logo
Multicomp Pro
MP002443 MULTICOMP-MP002443 Datasheet
601Kb / 7P
USB Type C Sealed Connector, Cable Assembly and Dust Cap
04/07/22 V1.2
More results

Similar Description - MP002000

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPE-100FS MPD-MPE-100FS Datasheet
255Kb / 2P
Single Output, 100W Compact, Enclosed AC/DC Power Supplies
logo
List of Unclassifed Man...
R50A-15-N ETC2-R50A-15-N Datasheet
501Kb / 12P
AC-DC Power Supplies Enclosed type
logo
RSG Electronic Componen...
PAA75F RSG-PAA75F_14 Datasheet
417Kb / 12P
AC-DC Power Supplies Enclosed type
PBA10F RSG-PBA10F_14 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBA30F RSG-PBA30F_14 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBA150F RSG-PBA150F_14 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBW30F RSG-PBW30F Datasheet
646Kb / 6P
AC-DC Power Supplies Enclosed type
PBW50F RSG-PBW50F Datasheet
646Kb / 6P
AC-DC Power Supplies Enclosed type
logo
COSEL CO., LTD.
PJA COSEL-PJA Datasheet
2Mb / 16P
AC-DC Power Supplies Enclosed Type
June 25, 2020
PLA15F COSEL-PLA15F Datasheet
1Mb / 14P
AC-DC Power Supplies Enclosed Type
April 17, 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com