Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7448 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC7448
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7448 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC7448 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
46
Freescale Semiconductor
System Design Information
9.7
Power and Thermal Management Information
This section provides thermal management information for the high coefficient of thermal expansion
(HCTE) package for air-cooled applications. Proper thermal control design is primarily dependent on the
system-level design—the heat sink, airflow, and thermal interface material. The MPC7448 implements
several features designed to assist with thermal management, including DFS and the temperature diode.
DFS reduces the power consumption of the device by reducing the core frequency; see Section 9.7.5.1,
“Power Consumption with DFS Enabled,” for specific information regarding power reduction and DFS.
The temperature diode allows an external device to monitor the die temperature in order to detect excessive
temperature conditions and alert the system; see Section 9.7.4, “Temperature Diode,” for more
information.
To reduce the die-junction temperature, heat sinks may be attached to the package by several
methods—spring clip to holes in the printed-circuit board or package, and mounting clip and screw
assembly (see Figure 22); however, due to the potential large mass of the heat sink, attachment through the
printed-circuit board is suggested. In any implementation of a heat sink solution, the force on the die
should not exceed ten pounds (45 Newtons).
Figure 22. BGA Package Exploded Cross-Sectional View with Several Heat Sink Options
NOTE
A clip on heat sink is not recommended for LGA because there may not be
adequate clearance between the device and the circuit board. A through-hole
solution is recommended, as shown in Figure 23.
Thermal
Heat Sink
HCTE BGA Package
Heat Sink
Clip
Printed-Circuit Board
Interface Material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com