Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7448 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC7448
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7448 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC7448 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
6
Freescale Semiconductor
Features
•
Efficient data flow
— Although the VR/LSU interface is 128 bits, the L1/L2 bus interface allows up to 256 bits.
— The L1 data cache is fully pipelined to provide 128 bits/cycle to or from the VRs.
— The L2 cache is fully pipelined to provide 32 bytes per clock every other cycle to the L1 caches.
— As many as 16 out-of-order transactions can be present on the MPX bus.
— Store merging for multiple store misses to the same line. Only coherency action taken
(address-only) for store misses merged to all 32 bytes of a cache block (no data tenure needed).
— Three-entry finished store queue and five-entry completed store queue between the LSU and
the L1 data cache
— Separate additional queues for efficient buffering of outbound data (such as castouts and
write-through stores) from the L1 data cache and L2 cache
•
Multiprocessing support features include the following:
— Hardware-enforced, MESI cache coherency protocols for data cache
— Load/store with reservation instruction pair for atomic memory references, semaphores, and
other multiprocessor operations
•
Power and thermal management
— Dynamic frequency switching (DFS) feature allows processor core frequency to be halved or
quartered through software to reduce power consumption.
— The following three power-saving modes are available to the system:
– Nap—Instruction fetching is halted. Only the clocks for the time base, decrementer, and
JTAG logic remain running. The part goes into the doze state to snoop memory operations
on the bus and then back to nap using a QREQ/QACK processor-system handshake
protocol.
– Sleep—Power consumption is further reduced by disabling bus snooping, leaving only the
PLL in a locked and running state. All internal functional units are disabled.
– Deep sleep—When the part is in the sleep state, the system can disable the PLL. The system
can then disable the SYSCLK source for greater system power savings. Power-on reset
procedures for restarting and relocking the PLL must be followed upon exiting the deep
sleep state.
— Instruction cache throttling provides control of instruction fetching to limit device temperature.
— A new temperature diode that can determine the temperature of the microprocessor
•
Performance monitor can be used to help debug system designs and improve software efficiency.
•
In-system testability and debugging features through JTAG boundary-scan capability
•
Testability
— LSSD scan design
— IEEE Std. 1149.1™ JTAG interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com