Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS0271 Datasheet(PDF) 12 Page - Mosel Vitelic, Corp

Part # MSS0271
Description  2.7 VOICE ROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0271 Datasheet(HTML) 12 Page - Mosel Vitelic, Corp

Back Button MSS0271 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 9Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 10Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 11Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 12Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12/12
MSS0271
MOSEL VITELIC INC.
Preliminary
Specifications subject to change without notice, contact your sales representatives for the most recent information.
Edge
Built-in Rosc at 6200 Hz
Built-in Rosc at 8400 Hz
Holdable & Irretriggerable
Unholdable & Irretriggerable
Unholdable & Retriggerable
No use & don't care
LB = Busy output
LB = dynamic LED flasher
LB = 3Hz LED flasher
LB = 6Hz LED falsher
No use and don't care
C h i p d e s c r i p t i o n s
Output
Device
Working
Voltage
Power
Source
2.5 V
3.5 V
3.0 V
4.0 V
4.5 V w/Bulk Cap.
5.0 V w/Bulk Cap.
5.5 V w/Bulk Cap.
6.0 V w/Bulk Cap.
Battery size "D"
Battery size "AA"
Battery size "AAA"
other size =
Mains
Other
G e n e r a l D e s c r i p t i o n s
Customer
Agent
Sales
Repr'tives
Providing
to
MVI
Service
Required
from
MVI
Who is MVI sales you contact ?
8-bit PCM sound files
.WAV sound files
DAT or equivalent
application is special,
see our written memo
Others
EPROMs with data inside
files to be programmed into
EPROM
emulation board & Eprom
Confirm table
Others
Buzzer (F fr =1KHz)
Speaker (0.25W,
16 ohm, 1" diam.)
Speaker (0.25W,
8 ohm, 1" diam.)
Other:
T o :
Attn :
Mosel Vitelic Inc.
886-3-578-4732 (fax)
Sales & Marketing Department
I hereby request MVI to start preparing produce MSS0271 which is specified as below description.
I already
read this data sheet PID257 *** and understand MSS0271 completely and know how to specify to fit my requirement.
Its voice storage limitation is 4380h.
P r o d u c t R e q u e s t F o r m
Cannot proceed when empty
Level
T i t l e :
Voice Length
Mute length
(behind)
V o i c e c o n t e n t
Total Length
total
play times
1<
<8
00h
<20000h
00h
S
00h
S
<2.79 s
<4380h
Fax number :
Date :
Position Title :
Company Name :
Signature :
Department/Section :
Debounce = Slow, T T1
Debounce = Fast, T T2
<7
0<
repeat
times
PID257*** 05/97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com