Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS0271 Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # MSS0271
Description  2.7 VOICE ROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0271 Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  MSS0271 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS0271 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
MSS0271
MOSEL VITELIC INC.
Preliminary
Specifications subject to change without notice, contact your sales representatives for the most recent information.
Absolute Maximum Rating
C
Symbol
T (Operating)
T (Storage)
V
~ V
DD
SS
V
(TG)
IN
V
(STP)
OUT
Rating
-0.5 ~ +7.0
-10 ~ +60
-55 ~ +125
V
-0.3 < V
< V
+0.3
SS
IN
DD
V
<V
< V
OUT
SS
DD
Unit
V
V
V
C
FOSC Characteristics
6000
4000
2000
2.0
3.0
4.0
5.0
6.0
Max
Min
6700
5500
Mask = 6200Hz
8000
Hz
Vdd
Operation beyond Absolute Maximal Rating can adversely affect
device reliability
Pad Description
P20 COB
pin #
P28 COB
pin #
Pad#
Symbol
Active
i/o
Names
1
3
5
7
14
15
16
17
18
1
3
7
11
19
21
23
24
26
1
2
3
4
5
6
7
8
9
high
i
o
i
i/o
o
o
TG
LB
IN0
IN1
NC
SP2
Vss
SP1
Vdd
trigger to play sound, internal pull low
LED flasher output or high true Busy signal output
input control 0
input control 1
no connection
speaker drive 2
ground
speaker drive 1
positive power supply
Operating Conditions
Symbol
TA
VCC
SR
Description
Ambient temperature under bias
supply voltage
sample rate
Min.
-10
2.4
typ.
6200
Max
60
6.0
Unit
C
V
Hz
Remarks
or 8400
AC Characteristics at 4.5 V, 6200 Hz SR
Symbol
T T1
T T2
T PUD
T THLO
T THZH
T THAS
T TLLF
T TLZL
T THAE
T AELF
T AEZL
T IWR1
T IWR2
T LED3
T LED6
T P
T R
Parameter
trigger pulse width
trigger pulse width
power up delay
trigger high to LED on
trigger high to busy high
trigger high to audio start
trigger low to LED off
trigger low to busy low
trigger low to audio end
audio end to LED off
audio end to busy low
interval when repeat
interval when repeat
LED on time at 3 Hz
LED on time at 6 Hz
power rise up time
power ripple width
Min.
typ.
5
1
0
0
0
0
0
0
0
322
161
81
Max
1
1
Unit
mS
uS
uS
uS
uS
uS
uS
uS
uS
uS
uS
uS
uS
mS
mS
mS
mS
Remarks
slow debounce time, SRD
fast debounce time, SRD
mask = edge, SRD
mask = edge, SRD
mask = edge, SRD
mask = level, SRD
mask = level, SRD
mask = level, SRD
holdable output, SRD
holdable output, SRD
inside sentence
between sentences, SRD
SRD
SRD
Valid
TG
TG
Vdd, TG
TG, LED
TG, BUSY
TG, SPs
TG, LED
TG, BUSY
TG, SPs
TG, LED
TG, BUSY
SPs
SPs
LED
LED
Vdd
Vdd
PID257*** 05/97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com