Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AVSA2ES Datasheet(PDF) 172 Page - NXP Semiconductors

Part # MPF0900AVSA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AVSA2ES Datasheet(HTML) 172 Page - NXP Semiconductors

Back Button MPF0900AVSA2ES Datasheet HTML 168Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 169Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 170Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 171Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 172Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 173Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 174Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 175Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 176Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
14.12.3 Electrical characteristics
All parameters are specified at TA = -40 °C to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V
and TA = 25 °C, unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
VDIG_DMS
DMS digital supply voltage
1.55
1.6
1.65
V
FCLK_DMS
DMS clock frequency
1.9
2
2.1
MHz
TSHS_REQ
Safety handshake request period
190
200
210
μs
tSHS_CHK
Safety handshake response check time
60
–
100
μs
tBGM_DGL
BGMON input fault deglitch time
475
500
525
μs
tBGM_RSTB1
BGMON RSTB debounce
• OTP_BGM_RSTB[1:0] = 01
9.5
10
10.5
μs
tBGM_RSTB2
BGMON RSTB debounce
• OTP_BGM_RSTB[1:0] = 10
95
100
105
μs
tBGM_RSTB3
BGMON RSTB debounce
• OTP_BGM_RSTB[1:0] = 11
475
500
525
μs
tBGM_CUTOFF1
BGMON CUTOFF debounce
• OTP_BGM_CUTOFF[1:0] = 01
9.5
10
10.5
μs
tBGM_CUTOFF2
BGMON CUTOFF debounce
• OTP_BGM_CUTOFF[1:0] = 10
95
100
105
μs
tBGM_CUTOFF3
BGMON CUTOFF debounce
• OTP_BGM_CUTOFF[1:0] = 11
475
500
525
μs
tVDIGOV_DGL
VDIG OV input fault deglitch time
90
100
110
μs
tVDIGOV_RSTB1
VDIG OV RSTB debounce
• OTP_VINOV_RSTB[1:0] = 01
9.5
10
10.5
μs
tVDIGOV_RSTB2
VDIG OV RSTB debounce
• OTP_VINOV_RSTB[1:0] = 10
95
100
105
μs
tVDIGOV_RSTB3
VDIG OV RSTB debounce
• OTP_VINOV_RSTB[1:0] = 11
475
500
525
μs
tVDIGOV_CUTOFF1
VDIG OV CUTOFF debounce
• OTP_VINOV_CUTOFF[1:0] = 01
9.5
10
10.5
μs
tVDIGOV_CUTOFF2
VDIG OV CUTOFF debounce
• OTP_VINOV_CUTOFF[1:0] = 10
95
100
105
μs
tVDIGOV_CUTOFF3
VDIG OV CUTOFF debounce
• OTP_VINOV_CUTOFF[1:0] = 11
475
500
525
μs
Table 226. DMS electrical characteristics
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
172 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com