Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AVSA2ES Datasheet(PDF) 173 Page - NXP Semiconductors

Part # MPF0900AVSA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AVSA2ES Datasheet(HTML) 173 Page - NXP Semiconductors

Back Button MPF0900AVSA2ES Datasheet HTML 169Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 170Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 171Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 172Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 173Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 174Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 175Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 176Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 177Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
15 PF09 register map
15.1 Functional registers
The digital control unit resets the I2C bits differently according to their use and reset type. The following reset
types are available in the functional registers:
Reset type
Description
VDIG_POR
Bits are reset when the VDIG_POR is crossed on the rising edge.
• Full power cycle (VIN remove)
• Returning from ULPOFF state
Fault flags are intended to hold fault data through a power-on cycle (LPOFF) and a DFS
cycle.
BIST
Bits are reset during LBIST, ABIST or self test. Bits are loaded with the result of the test.
SC
Bits self-clear after a write.
PWRUP_SEQ
Reset with default value before starting a Power-up sequence (power on and hard reset)
OFF_OTP
Bits are loaded directly from the OTP mirror registers. Reset occurs at the following times
• Upon entering LPOFF
• Right before entering the Power-up sequence
• During a hard-reset event.
SOFT_RST
Reset with default value before starting a Power-up sequence (power on and hard reset)
and after a soft reset.
SOFT_OTP_RST
Bits are loaded directly from the OTP mirror registers. Reset occurs at the following times
• Upon entering LPOFF
• Right before entering the Power-up sequence
• During a hard reset event.
• During a soft reset (if programmed to do so)
Table 227. I2C register reset conditions
Bit type
Description
R
Read-only: writing to this bit will have no effect.
W
Write-only: reading this bit will return a fixed value.
RW
Read and write: Can read and write data to this bit
RW1C
Read current value of the bit, write 1 to clear the bit. Writing 0 will have no effect.
RWRO
Bit is read/write in the test mode (for debug purposes), and read-only in normal operation.
Table 228. I2C bit type definitions
ADDR
REGISTER
DEFAULT
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
MSB
FS_ID[2:0]
DEV_ID[4:0]
0x00
DEVICE_ID
0000_0000
R
R
R
R
R
R
R
R
MSB
DEV_FAM[7:0]
0x01
DEVICE_FAM
0000_1001
R
R
R
R
R
R
R
R
0x02
REV_ID
MSB
FULL_LAYER_REV[3:0]
METAL_LAYER_REV[3:0]
Table 229. Functional register map
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
173 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com