Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9222 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9222
Description  QUAD INVERTING TRANSISTOR SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9222 Datasheet(HTML) 1 Page - STMicroelectronics

  L9222 Datasheet HTML 1Page - STMicroelectronics L9222 Datasheet HTML 2Page - STMicroelectronics L9222 Datasheet HTML 3Page - STMicroelectronics L9222 Datasheet HTML 4Page - STMicroelectronics L9222 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L9222
October 1990
QUAD INVERTING TRANSISTOR SWITCH
.
OUTPUT VOLTAGE TO 50V
.
OUTPUT CURRENT TO 1.2A
.
VERY LOW SATURATION VOLTAGE
.
TTL COMPATIBLE INPUTS
.
INTEGRAL SUPPRESSION DIODE
Powerdip (12+2+2)
ORDERING NUMBER : L9222
DESCRIPTION
The L9222 monolithic quad transistor switch is de-
signed for high current, high voltage switching appli-
cations.
Each of the four switches is controlled by a logic in-
put and all four are controlled by a common enable
input. All inputs are TTL-compatible for direct con-
nection to logic circuits. Each switch consists of an
open-collector transistor plus a clamp diode for ap-
plications with inductive loads.
The emitters of the four switches are connected to-
gether to GND. The switches of the same device
may be paralled. The device is intended to drive
coilssuch as relays, solenoids,unipolar steppermo-
tors, LED etc.
BLOCK DIAGRAM
1/5


Similar Part No. - L9222

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9222 STMICROELECTRONICS-L9222 Datasheet
95Kb / 7P
QUAD INVERTING TRANSISTOR SWITCH
May-2004
L9222-D STMICROELECTRONICS-L9222-D Datasheet
95Kb / 7P
QUAD INVERTING TRANSISTOR SWITCH
May-2004
L9222 STMICROELECTRONICS-L9222_04 Datasheet
95Kb / 7P
QUAD INVERTING TRANSISTOR SWITCH
May-2004
More results

Similar Description - L9222

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74F242 PHILIPS-74F242 Datasheet
84Kb / 10P
Quad transceiver, inverting 3-State
1990 Aug 31
74HC158 PHILIPS-74HC158 Datasheet
44Kb / 7P
Quad 2-input multiplexer; inverting
December 1990
logo
Intersil Corporation
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
Quad-Gated, Inverting Power Drivers
August 1997
logo
List of Unclassifed Man...
LX509 ETC-LX509 Datasheet
85Kb / 4P
Low Current Quad Inverting Amplifiers
logo
National Semiconductor ...
MM74HC242 NSC-MM74HC242 Datasheet
134Kb / 6P
Inverting Quad TRI-STATE Transceiver
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC74HC157AP TOSHIBA-TC74HC157AP_07 Datasheet
288Kb / 9P
Quad 2-Channel Multiplexer (inverting)
logo
STMicroelectronics
L9222 STMICROELECTRONICS-L9222_04 Datasheet
95Kb / 7P
QUAD INVERTING TRANSISTOR SWITCH
May-2004
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com