Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9222 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9222
Description  QUAD INVERTING TRANSISTOR SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9222 Datasheet(HTML) 3 Page - STMicroelectronics

  L9222 Datasheet HTML 1Page - STMicroelectronics L9222 Datasheet HTML 2Page - STMicroelectronics L9222 Datasheet HTML 3Page - STMicroelectronics L9222 Datasheet HTML 4Page - STMicroelectronics L9222 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (VCC = 5Vdc
± 5% VEN =5V – 40 ≤ Tj ≤ 125°C unless otherwise
specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCE(sus)
Output Sustaining Voltage
VIN =2V VEN = 2V, IOUT = 100mA
46
V
ICEX
Output Leakage Current
VCE = 50V
VIN = 2V, VEN = 0.8V
1mA
VCE(sat)
Collector Emitter Saturation
VIN
≥ 0.8V
IOUT = 0.1A
IOUT = 0.3A
IOUT = 0.6A; – 40 + 105
°C
0.3
0.5
0.8
V
V
V
VIL
Input Low Voltage
0.8
V
IIL
Input Low Current
VIN = 0.4V
– 15
µA
VIH
Input High Voltage
2.0
V
IIH
Input High Current
VIN
≥ 2.0V
– 15
µA
IS
Logic Supply Current
All Outputs ON IOUT = 06A
50
90
mA
All Outputs OFF
10
20
mA
IR
Clamp Diode Leakage Current
VR = 50V
Diode Reverse Voltage
100
µA
VF
Clamp Diode Forward Voltage
IF = 0.6A
1.8
V
IF = 1.2A
2.0
V
IOUT
Output Current
VIN = 0.4V, R = 10
Ω,VS = 13V
0.9
1.2
A
TPHL
Propagation Delay Time
(high to low transition)
Tj =25
°C
IL = 600mA
20
µs
TPHL
Propagation Delay Time
(low to high transition)
IL = 600mA
Tj =25
°C
20
µs
VENL
Low Enable Voltage
0.8
V
IENL
Low Enable Current
VEN = 0.4V
– 15
µA
VENH
High Enable Voltage
2.0
V
IENH
High Enable Voltage
VEN
≥ 2.0V
– 15
15
µA
L9222
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com