Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6375IDF#PBF Datasheet(PDF) 3 Page - Analog Devices

Part # LT6375IDF#PBF
Description  ±270V Common Mode Voltage Difference Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6375IDF#PBF Datasheet(HTML) 3 Page - Analog Devices

  LT6375IDF#PBF Datasheet HTML 1Page - Analog Devices LT6375IDF#PBF Datasheet HTML 2Page - Analog Devices LT6375IDF#PBF Datasheet HTML 3Page - Analog Devices LT6375IDF#PBF Datasheet HTML 4Page - Analog Devices LT6375IDF#PBF Datasheet HTML 5Page - Analog Devices LT6375IDF#PBF Datasheet HTML 6Page - Analog Devices LT6375IDF#PBF Datasheet HTML 7Page - Analog Devices LT6375IDF#PBF Datasheet HTML 8Page - Analog Devices LT6375IDF#PBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LT6375
3
6375fa
For more information www.linear.com/LT6375
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, –40°C < TA < 85°C for I-grade parts, –40°C < TA < 125°C for H-grade parts, otherwise specifications are at TA = 25°C,
V+ = 15V, V– = –15V, VCM = VOUT = VREF = 0V. VCMOP is the common mode voltage of the internal op amp. For Resistor Divider
Ratio = 7, ±REFA = ± REFC = OPEN, ±REFB = 0V. For Resistor Divider Ratio = 20, ±REFA = ±REFC = 0V, ±REFB = OPEN. For Resistor
Divider Ratio = 25, ±REFA = ±REFB = ±REFC = 0V.
SYMBOL PARAMETER
CONDITIONS
LT6375A
LT6375
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
G
Gain
VOUT = ±10V
1
1
V/V
∆G
Gain Error
VOUT = ±10V
l
±0.0007 ±0.0035
±0.005
±0.001 ±0.006
±0.0075
%
%
∆G/∆T
Gain Drift vs Temperature
(Note 6)
VOUT = ±10V
l
±0.2
±1
±0.2
±1
ppm/°C
GNL
Gain Nonlinearity
VOUT = ±10V
l
±1
±2
±3
±1
±2
±3
ppm
ppm
VOS
Output Offset Voltage
V– < VCMOP < V+ –1.75V
Resistor Divider Ratio = 7
Resistor Divider Ratio = 7
Resistor Divider Ratio = 20
Resistor Divider Ratio = 20
Resistor Divider Ratio = 25
Resistor Divider Ratio = 25
l
l
l
100
250
300
300
750
700
2000
900
2500
120
300
400
450
1500
1200
4000
1500
5000
µV
µV
µV
µV
µV
µV
∆VOS/∆T Output Offset Voltage Drift
(Note 6)
V– < VCMOP < V+ –1.75V
Resistor Divider Ratio = 7
Resistor Divider Ratio = 20
l
l
3
8
9
23
4
10
12
30
µV/°C
µV/°C
RIN
Input Impedance (Note 8)
Common Mode
Resistor Divider Ratio = 7
Resistor Divider Ratio = 20
Resistor Divider Ratio = 25
Differential
l
l
l
l
93
84
83
320
111
100
99
380
129
116
115
440
93
84
83
320
111
100
99
380
129
116
115
440
kΩ
kΩ
kΩ
kΩ
CMRR
Common Mode Rejection Ratio MS16 Package
Resistor Divider Ratio = 7, VCM = ±28V
Resistor Divider Ratio = 7, VCM = ±28V
Resistor Divider Ratio = 20, VCM = ±28V
Resistor Divider Ratio = 20, VCM = ±28V
Resistor Divider Ratio = 25, VCM = ±28V
Resistor Divider Ratio = 25, VCM = ±28V
Resistor Divider Ratio = 25, VCM = ±270V
Resistor Divider Ratio = 25, VCM = ±270V
l
l
l
l
96
94
96
94
96
94
97
94
106
106
106
107
89
83
89
83
89
83
90
83
100
100
100
100
dB
dB
dB
dB
dB
dB
dB
dB
DF14 Package
Resistor Divider Ratio = 7, VCM = ±28V
Resistor Divider Ratio = 7, VCM = ±28V
Resistor Divider Ratio = 20, VCM = ±28V
Resistor Divider Ratio = 20, VCM = ±28V
Resistor Divider Ratio = 25, VCM = ±28V
Resistor Divider Ratio = 25, VCM = ±28V
Resistor Divider Ratio = 25, VCM = ±270V
Resistor Divider Ratio = 25, VCM = ±270V
l
l
l
l
94
92
94
92
94
92
95
92
104
104
104
105
89
83
89
83
89
83
90
83
100
100
100
100
dB
dB
dB
dB
dB
dB
dB
dB
VCM
Input Voltage Range (Note 7)
l
–270
270
–270
270
V
PSRR
Power Supply Rejection Ratio
VS = ±1.65V to ±25V, VCM = VOUT =
Mid-Supply
Resistor Divider Ratio = 7
Resistor Divider Ratio = 20
Resistor Divider Ratio = 25
l
l
l
101
93
91
115
104
101
98
90
88
110
100
100
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com