Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6375IDF#PBF Datasheet(PDF) 23 Page - Analog Devices

Part # LT6375IDF#PBF
Description  ±270V Common Mode Voltage Difference Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6375IDF#PBF Datasheet(HTML) 23 Page - Analog Devices

Back Button LT6375IDF#PBF Datasheet HTML 19Page - Analog Devices LT6375IDF#PBF Datasheet HTML 20Page - Analog Devices LT6375IDF#PBF Datasheet HTML 21Page - Analog Devices LT6375IDF#PBF Datasheet HTML 22Page - Analog Devices LT6375IDF#PBF Datasheet HTML 23Page - Analog Devices LT6375IDF#PBF Datasheet HTML 24Page - Analog Devices LT6375IDF#PBF Datasheet HTML 25Page - Analog Devices LT6375IDF#PBF Datasheet HTML 26Page - Analog Devices LT6375IDF#PBF Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LT6375
23
6375fa
For more information www.linear.com/LT6375
Table 10. Configurations for Precision Noninverting Gains
LT6375 NONINVERTING PRECISION DC GAINS
GAIN
FEATURE
+IN
+REFA
+REFB
+REFC
REF
–IN
–REFA
–REFB
–REFC
NOISE
GAIN
DIV
RIN (k)
0.167 Wide Input
INPUT GROUND GROUND GROUND GROUND GROUND GROUND
OUT
GROUND 4.167
25
198
0.333
INPUT GROUND GROUND GROUND
INPUT
GROUND GROUND
OUT
GROUND 4.167
12.5
103
0.5
Wide Input
INPUT
NC
NC
GROUND GROUND
OUT
NC
NC
GROUND
5
10
302
0.833
NC
GROUND INPUT
GROUND GROUND
NC
GROUND
OUT
GROUND
4
4.8
48
1
INPUT
NC
NC
GROUND
INPUT
OUT
NC
NC
GROUND
5
5
170
1.167
INPUT GROUND INPUT
GROUND
INPUT
GROUND GROUND
OUT
GROUND 4.167
3.571
38
1.333
GROUND GROUND GROUND
INPUT
NC
NC
GROUND
OUT
GROUND
4
3
36
1.5
NC
GROUND GROUND
INPUT
INPUT
NC
GROUND
OUT
GROUND
4
2.667
34
1.667
NC
INPUT GROUND GROUND GROUND
NC
GROUND
OUT
GROUND
4
2.400
33
1.833
INPUT
INPUT GROUND GROUND
NC
NC
GROUND
OUT
GROUND
4
2.182
32
2
INPUT
NC
GROUND
NC
INPUT
GROUND
NC
GROUND
NC
7
3.500
37
2.167
GROUND GROUND INPUT
INPUT
NC
NC
GROUND
OUT
GROUND
4
1.846
32
2.333
INPUT GROUND INPUT
INPUT
NC
NC
GROUND
OUT
GROUND
4
1.714
33
2.5
NC
GROUND INPUT
NC
NC
OUT
NC
GROUND GROUND
7.5
3
57
2.667
INPUT
INPUT
INPUT
GROUND
NC
NC
GROUND
OUT
GROUND
4
1.500
36
2.833
INPUT
INPUT
INPUT
GROUND
INPUT
GROUND GROUND
OUT
GROUND 4.167
1.471
35
3
INPUT
NC
INPUT
GROUND GROUND
OUT
NC
GROUND GROUND
7.5
2.500
53
3.167
INPUT
INPUT GROUND
INPUT
NC
NC
GROUND
OUT
GROUND
4
1.263
48
3.333
INPUT
INPUT GROUND
INPUT
INPUT
GROUND GROUND
OUT
GROUND 4.167
1.250
47
3.5
INPUT
NC
INPUT
GROUND
INPUT
OUT
NC
GROUND GROUND
7.5
2.143
51
3.833
GROUND INPUT
INPUT
INPUT
GROUND GROUND GROUND
OUT
GROUND 4.167
1.087
103
4
Buffer
INPUT
INPUT
INPUT
INPUT
NC
NC
GROUND
OUT
GROUND
4
1
Hi-Z
4.167
Buffer
INPUT
INPUT
INPUT
INPUT
INPUT
GROUND GROUND
OUT
GROUND 4.167
1
Hi-Z
4.5
INPUT
NC
NC
INPUT
GROUND
OUT
NC
NC
GROUND
5
1.111
302
5
Buffer
NC
INPUT
NC
NC
NC
OUT
NC
NC
GROUND
5
1
Hi-Z
5.5
INPUT
INPUT
NC
NC
GROUND
OUT
GROUND
NC
NC
6
1.091
226
6
Buffer
INPUT
NC
INPUT
NC
NC
NC
NC
GROUND
NC
6
1
Hi-Z
6.5
GROUND
NC
INPUT
INPUT
GROUND
OUT
NC
GROUND GROUND
7.5
1.154
110
7
Buffer
INPUT
NC
INPUT
NC
INPUT
GROUND
NC
GROUND
NC
7
1
Hi-Z
7.5
Buffer
NC
INPUT
INPUT
NC
NC
OUT
NC
GROUND GROUND
7.5
1
Hi-Z
8
NC
NC
NC
INPUT
GROUND
NC
NC
NC
GROUND
9
1.125
321
8.5
Buffer
NC
NC
NC
INPUT
GROUND
OUT
GROUND GROUND
NC
8.5
1
Hi-Z
9
Buffer
INPUT
NC
NC
INPUT
NC
NC
NC
NC
GROUND
9
1
Hi-Z
9.5
INPUT
INPUT
NC
INPUT
GROUND
OUT
GROUND
NC
GROUND
10
1.053
200
10
Buffer
NC
INPUT
NC
NC
NC
GROUND
NC
NC
GROUND
10
1
Hi-Z
11
Buffer
INPUT
INPUT
NC
NC
NC
NC
GROUND
NC
NC
11
1
Hi-Z
11.5
GROUND INPUT
INPUT
INPUT
GROUND
OUT
GROUND GROUND GROUND
12.5
1.087
103
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com