Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804D/ZMX Datasheet(PDF) 54 Page - Microchip Technology

Part # LAN8804D/ZMX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D/ZMX Datasheet(HTML) 54 Page - Microchip Technology

Back Button LAN8804D/ZMX Datasheet HTML 50Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 51Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 52Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 53Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 54Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 55Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 56Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 57Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 89 page
background image
LAN8804D
DS00003591K-page 54
© 2026 Microchip Technology Inc. and its subsidiaries
5.19.3
SOFTWARE POWER-DOWN MODE
The device supports a Software Power-Down (SPD) mode. This mode is used to power down the device when it is not
in use after power-up. SPD mode is enabled by writing a one to the Power Down bit in the Basic Control register. The
device may also be placed into software power-down by default by setting the MODE_SEL[4:0] configuration straps to
‘0100x’. The device exits the SPD state after a zero is written to the Power Down bit.
In the SPD state, the device disables most internal functions. During SPD, the crystal oscillator and PLL are enabled
and the internal (125 MHz and 250 MHz) clocks are gated. The standard registers (0 through 31) and the MII Manage-
ment Interface operate using the crystal clock.
Previous register settings are maintained during and following the removal of SPD.
APPLICATION NOTE: The internal (125 MHz and 250 MHz) clock gating maybe overridden by setting the
spd_clock_gate_override bit in the Digital Debug Control 2 register at the cost of increased
power.
The following remain operational during SPD:
• MII Management Interface
- Only access to the standard registers (0 through 31) is supported.
- Access to MMD address spaces other than MMD Address Space 1 is possible if the spd_clock_gate_override
bit is set.
- Access to MMD Address Space 1 is not possible.
• Voltage Regulator Controller (LDO)
- The LDO has been defeatured and LDO_O should be left disconnected. Microchip recommends disabling the
LDO output by setting the active low LDO enable bit in the Analog Control Register 11. An external source of
1.21V is required for operation.
•PLL
- Normally the PLL is enabled during SPD. It may be disabled by setting the spd_pll_disable bit described
below.
• Crystal Oscillator
- Normally the Crystal Oscillator is enabled during SPD. It may be disabled by setting the enXTALb bit
described below.
• Bandgap
- This is always enabled.
• Internal Slow Oscillator
- This is always enabled.
The following are normally disabled during SPD:
• ADC/PGA/TX/common bias circuits
•DLL
• TX and RX clocks
- If the above mentioned spd_clock_gate_override bit is set, TX and RX clocks would be enabled. They may
alternately be stopped by setting the Isolate (PHY_ISO) bit in the Basic Control register.
5.19.3.1
SPD Extra Power Savings
To achieve a lower power usage, the PLL may be disabled during SPD mode by setting the spd_pll_disable bit in the
Digital Debug Control 2 register prior to entering SPD. The device may also be placed into software power-down with
the PLL disabled by default by setting the MODE_SEL[4:0] configuration straps to ‘01001’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com