Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804D/ZMX Datasheet(PDF) 55 Page - Microchip Technology

Part # LAN8804D/ZMX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D/ZMX Datasheet(HTML) 55 Page - Microchip Technology

Back Button LAN8804D/ZMX Datasheet HTML 51Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 52Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 53Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 54Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 55Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 56Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 57Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 58Page - Microchip Technology LAN8804D/ZMX Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 89 page
background image
LAN8804D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00003591K-page 55
With the PLL disabled, a device reset occurs following the removal of SPD (or if the spd_pll_disable bit is cleared during
SPD). Register settings will return to their defaults, determined by the Operation Mode Strap Override Low register and
the Operation Mode Strap Override High register.
To further reduce power usage, the crystal oscillator maybe disabled by setting the enXTALb bit in the Analog Control
Register 1 after setting the spd_pll_disable bit and entering SPD.
Since the MII Management Interface operates using the crystal clock, once this bit is set, the device will become inac-
cessible. A pin reset or power cycle is required to resume operation.
5.20
PLL/Clocks and Resets
The device provides the following PLLs:
• System PLL: Generates the internal system clocks and clocks required for the internal PHYs. See Section 5.20.1,
"System Clocks" for additional information.
• QSGMII SerDes MPLL: Generates the clocks needed by the SerDes. See Section 5.20.2, "QSGMII SerDes
Clock" for additional information.
The reference clock selection of the System PLL and QSGMII SerDes MPLL are controlled via the REF_CLK_SEL[1:0]
pins. Refer to Table 3-5 for detailed REF_CLK_SEL[1:0] setting information.
5.20.1
SYSTEM CLOCKS
System clocks are generated by the System PLL and are used for many common (not port-specific) functions such as
QSGMII TX and configuration registers. These clocks are also selectable by each PHY port for use as PHY TX timing.
The System PLL generates the following clocks:
• 250 MHz system clock
• 25 MHz system clock
The System PLL can use any of the following as its input reference clock:
• 25 MHz Crystal
• 25 MHz system single-ended reference clock input
• 125 MHz system differential clock inputs
5.20.2
QSGMII SERDES CLOCK
The 250 MHz QSGMII SerDes clock is generated by the SerDes MPLL.
The QSGMII SerDes MPLL can use any of these as its input reference clock:
• 25 MHz system clock (from crystal or single-ended external clock input)
• 125 MHz system differential clock inputs
5.20.3
RESETS
The device supports the following software resets from configuration registers:
• Chip hard and soft resets (all logic and macros in the chip)
APPLICATION NOTE: If either the spd_pll_dis_mode or spd_pll_en_mode bits in the Operation Mode Strap
Override Low register are set, the device will return to SPD mode, potentially with the PLL
disabled. In order to avoid this logical loop, software must clear the spd_pll_dis_mode and
spd_pll_en_mode bits before exiting SPD.
Note:
Coma mode has no effect on these functions. Refer to Section 5.18, "Coma Mode" for additional informa-
tion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com