Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC080SMB120SDT/R Datasheet(PDF) 2 Page - Microchip Technology

Part # MSC080SMB120SDT/R
Description  1200V, 80 mΩ N-Channel mSiC™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC080SMB120SDT/R Datasheet(HTML) 2 Page - Microchip Technology

  MSC080SMB120SDT/R Datasheet HTML 1Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 2Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 3Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 4Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 5Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 6Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 7Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 8Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MSC080SMB120SD
Device Specifications
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS00005735B - 2
1.
Device Specifications
This section shows the specifications of this device.
1.1.
Absolute Maximum Ratings
The following table shows the absolute maximum ratings of this device.
Table 1-1. Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
VDSS
Drain source voltage
1200
V
ID
Continuous drain current at TC = 25 °C
30
A
Continuous drain current at TC = 100 °C
21
IDM
Pulsed drain current1
63
VGS
Gate-source voltage
21/–10
V
Transient gate-source voltage
23/–12
Recommended turn-on gate-source voltage
15 to 18
Recommended turn-off gate-source voltage
–5
PD
Total power dissipation at TC = 25 °C
161
W
Linear derating factor
1.1
W/°C
Note: 
1. Repetitive rating: Pulse width and case temperature are limited by the maximum junction
temperature.
1.2.
Thermal and Mechanical Characteristics
The following table shows the thermal and mechanical characteristics of this device.
Table 1-2. Thermal and Mechanical Characteristics
Symbol
Characteristic/Test Conditions
Min.
Typ.
Max.
Unit
RθJC
Junction-to-case thermal resistance
—
0.72
0.93
°C/W
TJ
Operating junction temperature
–55
—
175
°C
TSTG
Storage temperature
–55
—
175
—
Reflow temperature
—
—
260
°C
Wt
Package weight
—
1.6
—
g
ESD practices should comply with JESD-625.
1.3.
Electrical Performance
The following table shows the static characteristics of this device at TJ = 25 °C unless otherwise
specified.
Table 1-3. Static Characteristics
Symbol Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS Drain-source breakdown voltage VGS = 0V, ID = 100 μA
1200
—
—
V
RDS(on)
Drain-source on resistance1
VGS = 18V, ID = 6A
—
80
107
mΩ
VGS = 15V, ID = 6A
—
98
—
VGS = 18V, ID = 6A, TJ = 175 °C
—
132
—
VGS(th)
Gate-source threshold voltage
VGS = VDS, ID = 0.75 mA
1.9
3.0
5.0
V
VDS = 960V, ID = 0.75 mA
1.5
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com