Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC080SMB120SDT/R Datasheet(PDF) 7 Page - Microchip Technology

Part # MSC080SMB120SDT/R
Description  1200V, 80 mΩ N-Channel mSiC™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC080SMB120SDT/R Datasheet(HTML) 7 Page - Microchip Technology

Back Button MSC080SMB120SDT/R Datasheet HTML 3Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 4Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 5Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 6Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 7Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 8Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 9Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 10Page - Microchip Technology MSC080SMB120SDT/R Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MSC080SMB120SD
Device Specifications
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS00005735B - 7
Figure 1-13. Switching Energy vs. VDS & ID
500
1000
0
100
200
300
400
600
700
800
900
VDS, Drain-to-Source Voltage (V)
RG = 8Ω
FWD = MSC080SMB120SD
Eon 30A
20A
10A
20A
Eoff 30A
10A
Figure 1-14. Switching Energy vs. VDS & ID
500
1000
0
200
400
600
600
700
800
900
VDS, Drain-to-Source Voltage (V)
RG = 16Ω
FWD = MSC080SMB120SD
Eon 30A
20A
10A
10A
Eoff 30A
20A
Figure 1-15. Switching Energy vs. Junction Temperature
0
25
50 75 100 125 150 175 200
0
100
200
300
400
500
TJ, Junction Temperature (°C)
Etot
Eon
Eoff
VDS = 850V
ID = 20A
RG = 8Ω
FWD = MSC080SMB120SD
Figure 1-16. Threshold Voltage vs. Junction Temperature
-50 -25
0
25
50
75 100 125 150 175
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TJ, Junction Temperature (°C)
VGS = VDS
ID = 0.75 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com