Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS921 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS921
Description  Rail-to-Rail High Output Current Single Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS921 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS921 Datasheet HTML 2Page - STMicroelectronics TS921 Datasheet HTML 3Page - STMicroelectronics TS921 Datasheet HTML 4Page - STMicroelectronics TS921 Datasheet HTML 5Page - STMicroelectronics TS921 Datasheet HTML 6Page - STMicroelectronics TS921 Datasheet HTML 7Page - STMicroelectronics TS921 Datasheet HTML 8Page - STMicroelectronics TS921 Datasheet HTML 9Page - STMicroelectronics TS921 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical Characteristics
TS921
6/14
Figure 1.
Output short circuit vs. output
voltage
Figure 2.
Voltage gain and phase vs.
frequency
Figure 3.
Output short circuit vs. output
voltage
Figure 4.
Equivalent input noise voltage vs.
frequency
Figure 5.
Output suppply current vs. supply
voltage
Figure 6.
THD + noise vs. frequency
0
123
45
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
Output Voltage (V)
Source
Sink
Vcc=0/5V
1E +02
1E +03
1E +04
1E +05
1E +06
1E +07
1E +08
-20
0
20
40
60
-60
0
60
120
180
Frequency (H z)
gain
ph ase
R l=10k
C l=100pF
00,5
1
1,522,5
3
-100
-80
-60
-40
-20
0
20
40
60
80
100
Output Voltag e (V)
S ource
Sink
Vcc=0/3V
0.01
0.1
1
10
100
Frequency (kHz)
0
5
10
15
20
25
30
0.01
0.1
1
10
100
Frequency (kHz)
0
0.005
0.01
0.015
0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com