Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS921 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS921
Description  Rail-to-Rail High Output Current Single Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS921 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS921 Datasheet HTML 3Page - STMicroelectronics TS921 Datasheet HTML 4Page - STMicroelectronics TS921 Datasheet HTML 5Page - STMicroelectronics TS921 Datasheet HTML 6Page - STMicroelectronics TS921 Datasheet HTML 7Page - STMicroelectronics TS921 Datasheet HTML 8Page - STMicroelectronics TS921 Datasheet HTML 9Page - STMicroelectronics TS921 Datasheet HTML 10Page - STMicroelectronics TS921 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TS921
Electrical Characteristics
7/14
Figure 7.
THD + noise vs. frequency
Figure 8.
THD + noise vs. output voltage
Figure 9.
THD + noise vs. frequency
Figure 10. THD + noise vs. output voltage
Figure 11. THD + noise vs. output voltage
Figure 12. Open loop gain and phase vs.
frequency
0.01
0.1
1
10
100
Frequency (kHz)
0
0.008
0.016
0.024
0.032
0.04
0
0.2
0.4
0.6
0.8
1
Vout (Vrms)
0.01
0.1
1
10
0.01
0.1
1
10
100
Frequency (kHz)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
Vout (Vrms)
0.001
0.01
0.1
1
10
0
0,2
0,4
0,6
0,8
1
1,2
0,001
0,010
0,100
1,000
10,000
Vout (V rms)
1E+2
1E+3
1E+4
1E+5
1E+6
1E+7
1E+8
Frequency (Hz)
0
10
20
30
40
50
0
60
120
180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com