Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4083 Datasheet(PDF) 20 Page - Analog Devices

Part # AD4083
Description  16-Bit, 40MSPS, Low Noise, Low Power SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4083 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD4083 Datasheet HTML 16Page - Analog Devices AD4083 Datasheet HTML 17Page - Analog Devices AD4083 Datasheet HTML 18Page - Analog Devices AD4083 Datasheet HTML 19Page - Analog Devices AD4083 Datasheet HTML 20Page - Analog Devices AD4083 Datasheet HTML 21Page - Analog Devices AD4083 Datasheet HTML 22Page - Analog Devices AD4083 Datasheet HTML 23Page - Analog Devices AD4083 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 94 page
background image
Data Sheet
AD4083
THEORY OF OPERATION
analog.com
Rev. 0 | 20 of 94
design constraint to ensure that there is enough time to settle to the
required voltage accuracy (or ADC resolution). For this reason, a
fast ADC requires a wide bandwidth driver. For high resolution ADC
converters, low signal chain noise is required to obtain high resolu-
tion. A wider bandwidth can result in more noise coming through
the signal chain to the ADC that can present a significant signal
chain design challenge for a conventional SAR ADC. However, the
AD4083 includes some unique Easy Drive features that simplify
these aspects of signal chain design.
One such AD4083 feature is continuous signal acquisition. Due
to its unique design, the tAQC is equal to the tCYC of the ADC,
resulting in the AD4083 being in signal acquisition mode for the
full duration of each ADC conversion. The input voltage has 100%
of the tCYC conversion time to settle the input voltage before the
next conversion, whereas a conventional ADC may need to settle
in 60% of this time. More settling time results in less bandwidth
required by the driver, which generally, bears a lower power require-
ment. In addition, because the external filters (RFILTIN and CFILTIN)
must be designed with enough bandwidth for the driver to settle the
input voltage, the additional settling time results in a lower cut-off.
Because of this lower cut-off, more of the signal chain noise can be
filtered at the inputs with these external filters.
An additional Easy Drive feature is the highly linearized analog in-
put current. With this feature, the AD4083 presents a less challeng-
ing load to a driver amplifier and reduces any potential distortion
from a driver that can occur when presented with a nonlinear input
current. Figure 34 shows the typical input currents into both the
differential signal pair (IN+ and IN−) and auxiliary inputs (AUXIN+
and AUXIN−).
Figure 34. Typical Input Current vs. Differential Input Voltage
To design the external input filter, it is usual to calculate how
many time constants (K) are needed for the required resolution.
For n-bit converter, 1ppm can be calculated using the following
formula 1ppm = 2n /1000000. To calculate the time constant from
the natural log of the required setting resolution, for example, if
settling to within 1ppm of 16 bits (n = 16) of the resolution required,
1ppm would represent 0.065536 LSBs (or 2n /1000000) and be
calculated with the following equation:
K = ln(2n ∕ 1ppm)
K = ln(2n ∕ 0.065536 LSB) = 13.82 time constants
(1)
When considering a conventional ADC, as described in the Con-
verter Operation section, where the acquisition time is only 60% of
the ADC conversion cycle, there is less time available for settling.
For such an ADC sampling at 40 MSPS, the driver must settle
within 25ns × 0.6 or 15 ns, and settling of the input voltage within
1ppm also requires a time constant tau (τ) of 15 ns ÷ K = 1.085 ns
or a bandwidth of 1/(2 × π × τ) = 147 MHz.
With the Easy Drive features of the AD4083, the result is an
acquisition time of 100% of the conversion cycle that indicates only
13.86 time constants to settle within 1ppm of 16 bits resolution.
However, the low analog input current of the AD4083 and the
internal methods that reduce any kick back to the driver (as charge
transfers from the analog input to the internal sampling capacitors
at the sampling instance) reduce the required number of time
constants by 9.5%. Therefore, for the 16-bit settling example, the
required number of time constants (K) reduces from 13.82 to 12.51
without impact on settling or distortion.
These Easy Drive features significantly reduce the driver bandwidth
required to settle. For example, at 40MSPS, settling of the input
voltage within 1ppm requires a time constant tau (τ) of 25ns ÷ K =
1.998 ns, or a bandwidth of 1/(2 × π × τ) = 80 MHz. This significant
reduction in the required bandwidth allows use of lower power,
lower bandwidth drivers and the design of a lower bandwidth input
filter to remove more driver or signal chain noise. Table 8 suggests
some filter values for use with the AD4083 in some example use
case conditions (with settling of the input voltage to 1LSB).
Another Easy Drive feature, as can be seen in the Figure 33, is the
auxiliary signal input path. This path feeds the analog input signal
to an internal linearization block, and this block feeds a correction
signal to the sampled voltage. Recommended values are given
in Table 8 . The filter on the auxiliary inputs is set for the same
bandwidth as the analog input, and RFILTAUX must be set at 4 ×
RFILTIN. The recommended filter configuration is using a differential
CFILTIN capacitor, so calculate the components as τ = RFILTIN × 2 ×
CFILTIN.
Note that the minimum RFILTIN must be 15Ω, and that RFILTAUX can
be set from a minimum of 5Ω up to 4 × RFILTIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com