Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4083 Datasheet (PDF) - Analog Devices

AD4083 Datasheet PDF - Analog Devices
Part # AD4083
Download  AD4083 Download
File Size   3438.43 Kbytes
Page   94 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 40MSPS, Low Noise, Low Power SAR ADC

AD4083 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4083 Datasheet PDF - Analog Devices

Part # AD4083
Download  AD4083 Click to download

File Size   3438.43 Kbytes
Page   94 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 40MSPS, Low Noise, Low Power SAR ADC

AD4083 Datasheet (HTML) - Analog Devices


AD4083 Product details

FEATURES
► 16-bit resolution, no missing codes
► Throughput: 40MSPS, 48.43ns conversion latency
► Noise spectral density: 10.69nV/√Hz,165.9dBFS/Hz
► Low 1/f, low frequency noise (0.1Hz to 10Hz): 265nV rms
► Low Power:70.2mW typical at 40MSPS
► INL: ±8ppm (typ), ±12ppm (max)
► Dynamic range: 92.94dBFS
► SNR/THD
► 92.2dB (typ)/−111dB (typ) at fIN = 1kHz
► 92dB (typ)/−103.4dB (typ) at fIN = 1MHz
► Easy Drive
► 6V p-p differential input range
► Continuous signal acquisition
► Linearized, 5μA/MSPS input current
► Integrated, low-drift reference buffer and decoupling
► Integrated VCM generation
► Digital features and data interface
► Conversion result FIFO, 16K sample depth
► Digital averaging filter with up to 210 decimation
► SPI configuration
► Configurable data interface
► Single lane, DDR, serial LVDS, 640Mbps per lane
► Dual lane, DDR, serial LVDS, 320Mbps per lane
► Single/quad lane SPI data interface
► Package
► 49-ball, 5mm × 5mm CSP_BGA, 0.65mm pitch
► Integrated supply decoupling capacitors
► Operating temperature range: −40°C to +85°C




Similar Part No. - AD4083

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4080 AD-AD4080 Datasheet
3Mb / 95P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. 0
AD4080 AD-AD4080 Datasheet
3Mb / 94P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. A
AD4080BBCZ AD-AD4080BBCZ Datasheet
3Mb / 95P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. 0
AD4080BBCZ AD-AD4080BBCZ Datasheet
3Mb / 94P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. A
AD4080BBCZ-RL AD-AD4080BBCZ-RL Datasheet
3Mb / 95P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. 0
More results


Similar Description - AD4083

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2381-16 LINER-LTC2381-16 Datasheet
1Mb / 24P
16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
LTC2382-16 LINER-LTC2382-16 Datasheet
1Mb / 24P
16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16 Datasheet
1Mb / 24P
16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2380-16 LINER-LTC2380-16 Datasheet
416Kb / 24P
16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC2380-16 LINER-LTC2380-16_15 Datasheet
514Kb / 26P
16-Bit, 2Msps, Low Power SAR ADC with 96.2dB SNR
LTC2382-16 LINER-LTC2382-16_15 Datasheet
1Mb / 24P
16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16_15 Datasheet
1Mb / 24P
16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
logo
ON Semiconductor
NCD98010 ONSEMI-NCD98010 Datasheet
201Kb / 12P
12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
logo
Maxim Integrated Produc...
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com